Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1102 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1102
Description  High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1102 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1102 Datasheet HTML 2Page - Linear Technology LT1102 Datasheet HTML 3Page - Linear Technology LT1102 Datasheet HTML 4Page - Linear Technology LT1102 Datasheet HTML 5Page - Linear Technology LT1102 Datasheet HTML 6Page - Linear Technology LT1102 Datasheet HTML 7Page - Linear Technology LT1102 Datasheet HTML 8Page - Linear Technology LT1102 Datasheet HTML 9Page - Linear Technology LT1102 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1102
6
1102fb
Capacitive Load Handling
Output Impedance vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
LT1102 • TPC08
CAPACITIVE LOAD (nF)
40
80
120
20
60
100
0.1
10
100
1000
0
1
VS = ±15V
TA = 25°C
G = 100
G = 10
LT1102 • TPC09
FREQUENCY (Hz)
1k
0.1
1
10
100
10k
100k
1M
VS = ±15V
TA = 25°C
G = 100
G = 10
Gain vs Frequency
Voltage Noise vs Frequency
Undistorted Output vs Frequency
Input Bias Current Over the
Common Mode Range
Common Mode Range vs
Temperature
Warm-Up Drift
LT1102 • TPC10
FREQUENCY (Hz)
10k
–1.5
–0.5
0.5
100k
1M
10M
0
–1.0
–1.5
–0.5
–1.0
0
20
30
10
40
VS = ±15V
TA = 25°C
G = 100
G = 10
LT1102 • TPC11
FREQUENCY (Hz)
10k
20
30
100k
1M
10M
0
10
VS = ±15V
TA = 25°C
G = 10
RL = 2k
G = 10
RL = 50k
G = 100
RL = 2k OR 50k
LT1102 • TPC12
FREQUENCY (Hz)
50
40
100
70
30
10
3
10
30
100
300
1k
3k
10k
20
1/f CORNER = 28Hz
VS = ±15V
TA = 25°C
COMMON MODE VOLTAGE (V)
–15
–10
0
0.8
1.0
1.4
1.6
1.8
510
2.6
1.2
–5
15
2.2
2.0
2.4
–20
0
40
60
80
160
20
120
100
140
LT1102 • TPC13
TA = 25°C
TA = 70°C
TA = 125°C
VS = ±15V
TIME AFTER POWER ON (MINUTES)
0
30
40
50
4
20
10
0
1
2
3
5
LT1102 • TPC14
VS = ±15V
TA = 25°C
N PACKAGE
H AND J PACKAGE
TEMPERATURE (
°C)
–50
–15
–14
–12
–11
10
15
12
0
50
–13
13
14
11
100
LT1102 • TPC15
VS = ±15V
G = 10 OR 100
G = 100
G = 10
Supply Current vs Temperature
TEMPERATURE (˚C)
–50
4
6
25
75
2
–25
0
50
100
125
0
LT1102 • TPC16
VS = ±15V
VS = ±10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com