Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHH223HMP4680ME4 Datasheet(PDF) 8 Page - Kemet Corporation

Part # PHH223HMP4680ME4
Description  PHH223, 125°C, Hybrid Radial Crown, UL ESR, AEC-Q200
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHH223HMP4680ME4 Datasheet(HTML) 8 Page - Kemet Corporation

  PHH223HMP4680ME4 Datasheet HTML 1Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 2Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 3Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 4Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 5Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 6Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 7Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 8Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
© KEMET Electronics Corporation • One East Broward Boulevard
A4123_PHH223 • 6/18/2024
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Hybrid Radial Crown Capacitors – PHH223, +125°C, Hybrid Radial Crown, UL ESR, AEC-Q200
Anode foil
Cathode foil
Tissues
Foil tab
Aging
Etching
Forming
Winding/Coating
Assembly
Filling
Impregnation
Testing
Labeling
Packing
Sealing
Construction Data
The manufacturing process begins with the anode foil being
electrochemically etched to increase the surface area and
then “formed” to produce the aluminum oxide layer. Both the
anode and cathode foils are then interleaved with absorbent
paper and wound into a cylinder. During the winding process,
aluminum tabs are attached to each foil to provide the
electrical contact.
The winding is assembled to the capacitor Al-can and to
the Al-lid. The can is filled with electrolyte and the winding
is impregnated during a vacuum treatment. The capacitor
is sealed. Throughout the process, all materials inside the
housing must be maintained at the highest purity and be
compatible with the electrolyte. Coating with polymer is
applied during manufacturing process to achieve enhanced
performance.
Each capacitor is aged and tested before being packed. The
purpose of aging is to repair any damage in the oxide layer
and thus reduce the leakage current to a very low level. Aging
is carried out at elevated temperature and is accomplished by
applying voltage to the device while carefully controlling the
supply current. The process takes between 2 and 20 hours,
depending on voltage rating.
Damage to the oxide layer can occur due to a variety of
reasons:
• Slitting of the anode foil after forming
• Attaching the tabs to the anode foil
• Minor mechanical damage caused during winding
The following tests are applied for each individual capacitor.
Electrical:
• Leakage current
• Capacitance
• ESR
• Tan Delta
Mechanical/Visual:
• Pull strength test of wire terminals
• Print detail
• Box labels
• Packaging, including packed quantity



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com