Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHH223HMP4680ME4 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PHH223HMP4680ME4
Description  PHH223, 125°C, Hybrid Radial Crown, UL ESR, AEC-Q200
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHH223HMP4680ME4 Datasheet(HTML) 2 Page - Kemet Corporation

  PHH223HMP4680ME4 Datasheet HTML 1Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 2Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 3Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 4Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 5Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 6Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 7Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 8Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
© KEMET Electronics Corporation • One East Broward Boulevard
A4123_PHH223 • 6/18/2024
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Hybrid Radial Crown Capacitors – PHH223, +125°C, Hybrid Radial Crown, UL ESR, AEC-Q200
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
540 – 8700 μF
Rated Voltage
25 - 63 VDC
Operating Temperature
−40 to +125°C
Capacitance Tolerance
−20/+20%, at 100 Hz/+20°C
Operational Lifetime
Rated Voltage and I
RAC at Tcase
90°C/100kHz (hours)
Rated Voltage and I
RAC at Tcase
105°C/100kHz
Rated Voltage and I
RAC at Tcase
125°C/100kHz (hours)
≥ 3,000
≥ 2,000
End of Life Requirement
∆ C/C < ±30%, ESR < 3 x initial ESR value, IL < initial specified limit
Surge Voltage
1.15 x V
R
High Temperature Storage
After storage for 1,000 hours at +125°C with no voltage applied and then being
stabilized at +20°C, capacitors shall meet the limits specified in Endurance.
Leakage Current
I = 0.005 CV (μA)
C = rated capacitance (μF), V = rated voltage (VDC). Voltage applied for 5 minutes at +20°C.
Vibration Test
Specifications
Procedure
Requirements
1.5 mm displacement amplitude or
20 g maximum acceleration. Vibration applied
for three 22-hour sessions at 10 – 2,000 Hz
(capacitor clamped by body).
No leakage of electrolyte or
other visible damage. Deviations
in capacitance from initial
measurements must not exceed:
∆ C/C < 5%
Standards
AEC–Q200; IEC 60384–4 long life grade 40/125/56
Compensation Factor of Ripple Current (RC) vs. Frequency
Frequency
0.1 kHz
0.2 kHz
1 kHz
5 kHz
10 kHz
20 kHz
40 kHz
100 kHz
Coefficient
0.20
0.30
0.55
0.85
0.90
0.95
1
1
Test Method & Performance
Endurance Life Test
Conditions
Performance
Temperature
+125°C
Test Duration
2,000 hours
Voltage
The sum of DC voltage must not exceed the rated voltage of the capacitor
Performance
The following specifications will be satisfied when the capacitor is tested at +20°C:
Capacitance Change
Within 15% of initial value (within 10% at 1,000 hour test)
Equivalent Series Resistance
≤ 1.5x specified limit (ESR measured at 100 kHz +20°C)
Leakage Current
Does not exceed leakage current limit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com