Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHH223HMP4680ME4 Datasheet(PDF) 3 Page - Kemet Corporation

Part # PHH223HMP4680ME4
Description  PHH223, 125°C, Hybrid Radial Crown, UL ESR, AEC-Q200
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHH223HMP4680ME4 Datasheet(HTML) 3 Page - Kemet Corporation

  PHH223HMP4680ME4 Datasheet HTML 1Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 2Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 3Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 4Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 5Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 6Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 7Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 8Page - Kemet Corporation PHH223HMP4680ME4 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
© KEMET Electronics Corporation • One East Broward Boulevard
A4123_PHH223 • 6/18/2024
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Hybrid Radial Crown Capacitors – PHH223, +125°C, Hybrid Radial Crown, UL ESR, AEC-Q200
Ordering Options Table
Packaging Kind
Lead Length (mm)
Lead and
Packaging Code
Standard Packaging Option
Tray
3.3 ±0.5
E4
Dimensions – Millimeters
SIDE VIEW
END VIEW (+)
15.24 ±0.1
D ±0.5
D
d
LL
L
0.8 ±0.1
Size Code
Dimensions in mm
Approximate
Weight
Grams
D
L
d
LL
±0.5
±1
±0.03
±0.5
KL
16.2
27.7
1.0
3.3
9
KP
16.2
35.7
1.0
3.3
11
LL
18.2
27.7
1.0
3.3
11
LP
18.2
35.7
1.0
3.3
16
ML
20.2
27.7
1.0
3.3
13
MP
20.2
35.7
1.0
3.3
20
MS
20.2
43.7
1.0
3.3
24



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com