Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1028CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LT1028CSW
Description  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1028CSW Datasheet HTML 10Page - Linear Technology LT1028CSW Datasheet HTML 11Page - Linear Technology LT1028CSW Datasheet HTML 12Page - Linear Technology LT1028CSW Datasheet HTML 13Page - Linear Technology LT1028CSW Datasheet HTML 14Page - Linear Technology LT1028CSW Datasheet HTML 15Page - Linear Technology LT1028CSW Datasheet HTML 16Page - Linear Technology LT1028CSW Datasheet HTML 17Page - Linear Technology LT1028CSW Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1028/LT1128
S
APPLICATI
I FOR ATIO
If CF is only used to cut noise bandwidth, a similar effect
can be achieved using the over-compensation terminal.
The Gain, Phase plot also shows that phase margin is
about 45
° at gain of 10 (20dB). The following configura-
tion has a high (
≈70%) overshoot without the 10pF
capacitor because of additional phase shift caused by the
feedback resistor – input capacitance pole. The presence
of the 10pF capacitor cancels this pole and reduces
overshoot to 5%.
Over-Compensation
The LT1028/LT1128 are equipped with a frequency over-
compensation terminal (Pin 5). A capacitor connected
between Pin 5 and the output will reduce noise bandwidth.
Details are shown on the Slew Rate, Gain-Bandwidth
Product vs Over-Compensation Capacitor plot. An addi-
tional benefit is increased capacitive load handling capa-
bility.
1028/1128 AI11
10pF
10k
50
Ω
1.1k
–
+
LT1028
Strain Gauge Signal Conditioner with Bridge Excitation
Low Noise Voltage Regulator
1028/1128 TA05
1
µF
REFERENCE
OUTPUT
–
+
LT1128
30.1k*
49.9
Ω*
15V
330
Ω
10k
ZERO
TRIM
5.0V
301k*
LT1021-5
0V TO 10V
OUTPUT
3
2
7
6
4
350
Ω
BRIDGE
–15V
15V
15V
LT1028
–
+
3
2
7
6
4
–15V
LT1028
–
+
3
2
7
6
4
–15V
5k
GAIN
TRIM
330
Ω
*RN60C FILM RESISTORS
THE LT1028’s NOISE CONTRIBUTION IS NEGLIGIBLE
COMPARED TO THE BRIDGE NOISE.
1028/1128 TA04
10
2k
20V OUTPUT
–
+
LT1028
2.3k
PROVIDES PRE-REG
AND CURRENT
LIMITING
10
+
28V
121
Ω
2k
330
Ω
1000pF
1k
28V
LT317A
LT1021-10
2N6387
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com