Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1028CSW Datasheet(PDF) 15 Page - Linear Technology

Part # LT1028CSW
Description  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028CSW Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1028CSW Datasheet HTML 11Page - Linear Technology LT1028CSW Datasheet HTML 12Page - Linear Technology LT1028CSW Datasheet HTML 13Page - Linear Technology LT1028CSW Datasheet HTML 14Page - Linear Technology LT1028CSW Datasheet HTML 15Page - Linear Technology LT1028CSW Datasheet HTML 16Page - Linear Technology LT1028CSW Datasheet HTML 17Page - Linear Technology LT1028CSW Datasheet HTML 18Page - Linear Technology LT1028CSW Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1028/LT1128
Paralleling Amplifiers to Reduce Voltage Noise
Tape Head Amplifier
1028/1128 TA07
0.1
µF
10
Ω
–
+
LT1028
OUTPUT
499
Ω
TAPE HEAD
INPUT
6
31.6k
2
3
ALL RESISTORS METAL FILM
Phono Preamplifier
1028/1128 TA06
0.1
µF
10
Ω
–15V
10k
–
+
LT1028
OUTPUT
787
Ω
0.33
µF
100pF
47k
MAG PHONO
INPUT
4
6
7
15V
2
3
ALL RESISTORS METAL FILM
Low Noise, Wide Bandwidth Instrumentation Amplifier
Gyro Pick-Off Amplifier
1028/1128 TA08
10
Ω
–
+
LT1028
OUTPUT
820
Ω
+INPUT
68pF
10k
50
Ω
68pF
820
Ω
–
+
LT1028
–INPUT
–
+
LT1028
300
Ω
300
Ω
10k
GAIN = 1000, BANDWIDTH = 1MHz
INPUT REFERRED NOISE = 1.5nV/
√Hz AT 1kHz
WIDEBAND NOISE –DC to 1MHz = 3
µVRMS
IF BW LIMITED TO DC TO 100kHz = 0.55
µVRMS
1028/1128 TA09
100
Ω
OUTPUT TO SYNC
DEMODULATOR
1k
–
+
LT1028
SINE
DRIVE
•
GYRO TYPICAL–
NORTHROP CORP.
GR-F5AH7-5B
1028/1128 TA03
–
+
1.5k
A1
LT1028
470
Ω
OUTPUT
–
+
7.5
Ω
4.7k
–
+
1.5k
470
Ω
7.5
Ω
–
+
1.5k
470
Ω
7.5
Ω
A2
LT1028
An
LT1028
LT1028
OUTPUT NOISE
n
× 200
2
µV
√5
1. ASSUME VOLTAGE NOISE OF LT1028 AND 7.5
Ω SOURCE RESISTOR = 0.9nV/√Hz.
2. GAIN WITH n LT1028s IN PARALLEL = n
× 200.
3. OUTPUT NOISE =
√n × 200 × 0.9nV/√Hz.
4. INPUT REFERRED NOISE =
=
nV/
√Hz.
5. NOISE CURRENT AT INPUT INCREASES
√n TIMES.
6. IF n = 5, GAIN = 1000, BANDWIDTH = 1MHz, RMS NOISE, DC TO 1MHz =
= 0.9
µV.
0.9
√n
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com