Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1028CSW Datasheet(PDF) 16 Page - Linear Technology

Part # LT1028CSW
Description  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028CSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1028CSW Datasheet HTML 12Page - Linear Technology LT1028CSW Datasheet HTML 13Page - Linear Technology LT1028CSW Datasheet HTML 14Page - Linear Technology LT1028CSW Datasheet HTML 15Page - Linear Technology LT1028CSW Datasheet HTML 16Page - Linear Technology LT1028CSW Datasheet HTML 17Page - Linear Technology LT1028CSW Datasheet HTML 18Page - Linear Technology LT1028CSW Datasheet HTML 19Page - Linear Technology LT1028CSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1028/LT1128
Super Low Distortion Variable Sine Wave Oscillator
1028/1128 TA10
–
+
LT1028
C2
0.047
R2
R1
C1
0.047
2k
20
Ω
20
Ω
2k
10pF
5.6k
15
µF
22k
10k
LT1055
1VRMS OUTPUT
1.5kHz TO 15kHz
WHERE R1C1 = R2C2
f =
1
2
πRC
()
MOUNT 1N4148s
IN CLOSE PROXIMITY
TRIM FOR
LOWEST
DISTORTION
100k
10k
20k
2N4338
560
Ω
2.4k
4.7k
LT1004-1.2V
15V
<0.0018% DISTORTION AND NOISE.
MEASUREMENT LIMITED BY RESOLUTION OF
HP339A DISTORTION ANALYZER
1028/1128 TA11
–
+
LT1052
10
Ω
0.1
30k
10k
15V
7
6
4
2
3
8
1
–15V
0.1
0.01
15V
68
Ω
–
+
LT1028
130
Ω
1
7
8
4
–15V
INPUT
OUTPUT
1N758
1N758
100k
2
3
Chopper-Stabilized Amplifier
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com