Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1206 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1206
Description  250mA/60MHz Current Feedback Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1206 Datasheet HTML 3Page - Linear Technology LT1206 Datasheet HTML 4Page - Linear Technology LT1206 Datasheet HTML 5Page - Linear Technology LT1206 Datasheet HTML 6Page - Linear Technology LT1206 Datasheet HTML 7Page - Linear Technology LT1206 Datasheet HTML 8Page - Linear Technology LT1206 Datasheet HTML 9Page - Linear Technology LT1206 Datasheet HTML 10Page - Linear Technology LT1206 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1206
7
1206fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Impedance vs Frequency
Output Impedance in Shutdown vs
Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
3rd Order Intercept vs Frequency
Test Circuit for 3rd Order Intercept
FREQUENCY (Hz)
0.1
1
10
100
100k
10M
100M
LT1206 • TPC19
0.01
1M
VS = ±15V
IO = 0mA
RS/D = 121k
RS/D = 0Ω
FREQUENCY (Hz)
100
1k
10k
100k
100k
10M
100M
LT1206 • TPC20
10
1M
AV = 1
RF = 1k
VS = ±15V
FREQUENCY (MHz)
1
–90
–80
–70
–60
–50
–30
310
LT1206 • TPC21
–40
24
5
6 7 8 9
VS = ±15V
VO = 2VP-P
2nd
3rd
RL = 10Ω
2nd
3rd
RL = 30Ω
FREQUENCY (MHz)
0
10
20
30
40
50
60
5
10
15
20
LT1206 • TPC22
25
30
VS = ±15V
RL = 50Ω
RF = 590Ω
RG = 64.9Ω
–
+
50
Ω
LT1206
LT1206 • TPC23
65
Ω
590
Ω
PO
MEASURE INTERCEPT AT PO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com