Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1206 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1206
Description  250mA/60MHz Current Feedback Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1206 Datasheet HTML 2Page - Linear Technology LT1206 Datasheet HTML 3Page - Linear Technology LT1206 Datasheet HTML 4Page - Linear Technology LT1206 Datasheet HTML 5Page - Linear Technology LT1206 Datasheet HTML 6Page - Linear Technology LT1206 Datasheet HTML 7Page - Linear Technology LT1206 Datasheet HTML 8Page - Linear Technology LT1206 Datasheet HTML 9Page - Linear Technology LT1206 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1206
6
1206fa
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Ambient
Temperature, VS = ±5V
Supply Current vs Ambient
Temperature, VS = ±15V
Supply Current vs Shutdown Pin
Current
Input Common Mode Limit vs
Junction Temperature
Output Short-Circuit Current vs
Junction Temperature
Output Saturation Voltage vs
Junction Temperature
Power Supply Rejection Ratio vs
Frequency
Supply Current vs Large-Signal
Output Frequency (No Load)
4
10
12
16
18
22
8
12
14
24
20
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1206 • TPC10
TJ = –40˚C
TJ = 25˚C
TJ = 85˚C
TJ = 125˚C
VS/D = 0V
TEMPERATURE (
°C)
–50
0
10
25
0
50
75
LT1206 • TPC11
5
20
15
–25
25
100
125
AV = 1
RL = ∞
N PACKAGE
RSD = 0Ω
RSD = 10.2k
RSD = 22.1k
TEMPERATURE (
°C)
–50
0
10
25
0
50
75
LT1206 • TPC12
5
20
15
–25
25
100
125
AV = 1
RL = ∞
N PACKAGE
RSD = 0Ω
RSD = 60.4k
RSD = 121k
SHUTDOWN PIN CURRENT (
µA)
0
12
16
20
400
LT1206 • TPC13
8
4
0
100
200
300
500
10
14
18
6
2
VS = ±15V
TEMPERATURE (
°C)
–50
V–
0.5
1.5
2.0
–2.0
75
V+
LT1206 • TPC14
1.0
0
125
–1.5
–1.0
– 0.5
50
–25
100
25
TEMPERATURE (
°C)
–50
0.7
0.8
1.0
25
75
LT1206 • TPC15
0.6
0.5
–25
0
50
100
125
0.4
0.3
0.9
SOURCING
SINKING
TEMPERATURE (
°C)
–50
V–
1
3
4
–4
75
V+
LT1206 • TPC16
2
0
125
–3
–2
–1
50
–25
100
25
VS = ±15V
RL = 2k
RL = 50Ω
RL = 50Ω
RL = 2k
FREQUENCY (Hz)
20
40
60
70
10k
1M
10M
100M
LT1206 • TPC17
0
100k
50
30
10
RL = 50Ω
VS = ±15V
RF = RG = 1k
NEGATIVE
POSITIVE
FREQUENCY (Hz)
10k
40
50
60
100k
1M
10M
LT1206 • TPC18
30
20
10
AV = 2
RL = ∞
VS = ±15V
VOUT = 20VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com