Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1206 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1206
Description  250mA/60MHz Current Feedback Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206 Datasheet(HTML) 4 Page - Linear Technology

  LT1206 Datasheet HTML 1Page - Linear Technology LT1206 Datasheet HTML 2Page - Linear Technology LT1206 Datasheet HTML 3Page - Linear Technology LT1206 Datasheet HTML 4Page - Linear Technology LT1206 Datasheet HTML 5Page - Linear Technology LT1206 Datasheet HTML 6Page - Linear Technology LT1206 Datasheet HTML 7Page - Linear Technology LT1206 Datasheet HTML 8Page - Linear Technology LT1206 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1206
4
1206fa
SMALL-SIGNAL BANDWIDTH
IS = 20mA Typical, Peaking ≤ 0.1dB
AV
RL
RF
RG
–3dB BW
(MHz)
–0.1dB BW
(MHz)
VS = ±5V, RS/D = 0Ω
–1
150
30
10
562
649
732
562
649
732
48
34
22
21.4
17
12.5
1
150
30
10
619
715
806
–
–
–
54
36
22.4
22.3
17.5
11.5
2
150
30
10
576
649
750
576
649
750
48
35
22.4
20.7
18.1
11.7
10
150
30
10
442
511
649
48.7
56.2
71.5
40
31
20
19.2
16.5
10.2
AV
RL
RF
RG
–3dB BW
(MHz)
–0.1dB BW
(MHz)
VS = ±15V, RS/D = 0Ω
–1
150
30
10
681
768
887
681
768
887
50
35
24
19.2
17
12.3
1
150
30
10
768
909
1k
–
–
–
66
37
23
22.4
17.5
12
2
150
30
10
665
787
931
665
787
931
55
36
22.5
23
18.5
11.8
10
150
30
10
487
590
768
536
64.9
84.5
44
33
20.7
20.7
17.5
10.8
IS = 10mA Typical, Peaking ≤ 0.1dB
AV
RL
RF
RG
–3dB BW
(MHz)
–0.1dB BW
(MHz)
VS = ±5V, RS/D = 10.2k
–1
150
30
10
576
681
750
576
681
750
35
25
16.4
17
12.5
8.7
1
150
30
10
665
768
845
–
–
–
37
25
16.5
17.5
12.6
8.2
2
150
30
10
590
681
768
590
681
768
35
25
16.2
16.8
13.4
8.1
10
150
30
10
301
392
499
33.2
43.2
54.9
31
23
15
15.6
11.9
7.8
AV
RL
RF
RG
–3dB BW
(MHz)
–0.1dB BW
(MHz)
VS = ±15V, RS/D = 60.4k
–1
150
30
10
634
768
866
634
768
866
41
26.5
17
19.1
14
9.4
1
150
30
10
768
909
1k
–
–
–
44
28
16.8
18.8
14.4
8.3
2
150
30
10
649
787
931
649
787
931
40
27
16.5
18.5
14.1
8.1
10
150
30
10
301
402
590
33.2
44.2
64.9
33
25
15.3
15.6
13.3
7.4
IS = 5mA Typical, Peaking ≤ 0.1dB
AV
RL
RF
RG
–3dB BW
(MHz)
–0.1dB BW
(MHz)
VS = ±5V, RS/D = 22.1k
–1
150
30
10
604
715
681
604
715
681
21
14.6
10.5
10.5
7.4
6.0
1
150
30
10
768
866
825
–
–
–
20
14.1
9.8
9.6
6.7
5.1
2
150
30
10
634
750
732
634
750
732
20
14.1
9.6
9.6
7.2
5.1
10
150
30
10
100
100
100
11.1
11.1
11.1
16.2
13.4
9.5
5.8
7.0
4.7
AV
RL
RF
RG
–3dB BW
(MHz)
–0.1dB BW
(MHz)
VS = ±15V, RS/D = 121k
–1
150
30
10
619
787
825
619
787
825
25
15.8
10.5
12.5
8.5
5.4
1
150
30
10
845
1k
1k
–
–
–
23
15.3
10
10.6
7.6
5.2
2
150
30
10
681
845
866
681
845
866
23
15
10
10.2
7.7
5.4
10
150
30
10
100
100
100
11.1
11.1
11.1
15.9
13.6
9.6
4.5
6
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com