Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1313 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1313
Description  Stereo continuous calibration DAC CC-DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1313 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1313 Datasheet HTML 3Page - NXP Semiconductors TDA1313 Datasheet HTML 4Page - NXP Semiconductors TDA1313 Datasheet HTML 5Page - NXP Semiconductors TDA1313 Datasheet HTML 6Page - NXP Semiconductors TDA1313 Datasheet HTML 7Page - NXP Semiconductors TDA1313 Datasheet HTML 8Page - NXP Semiconductors TDA1313 Datasheet HTML 9Page - NXP Semiconductors TDA1313 Datasheet HTML 10Page - NXP Semiconductors TDA1313 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
July 1993
7
Philips Semiconductors
Objective specification
Stereo continuous calibration DAC
(CC-DAC)
TDA1313; TDA1313T
CHARACTERISTICS
VDDD = VDDA = VDDO = 5 V; Tamb = 25 °C; measured in Fig.7; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
3.0
5.0
5.5
V
IDD
total supply current
at code 0000H
−
8.0
9.5
mA
IDDD
digital supply current
at code 0000H; no clock
running
−
0.2
−
mA
IDDA
analog supply current
−
4.6
5.5
mA
IDDO
operational amplifier supply
−
3.4
4
mA
current
PSRR
power supply ripple rejection
at code 0000H; note 1
−
30
−
dB
Digital inputs; pins WS, BCK, 4/8FSSEL, LRSEL/RSI and SI/LSI
IIL
input leakage current LOW
VI = 0.V
−−
10
µA
IIH
input leakage current HIGH
VI = 5.5 V
−−
10
µA
fBCK
clock frequency
−−
18.4
MHz
BR
bit rate data input
−−
18.4
Mbits/s
fWS
word select input frequency
−−
384
kHz
Timing (see Fig.4)
tr
rise time
−−
12
ns
tf
fall time
−−
12
ns
tCY
bit clock cycle time
54
−−
ns
tBCKH
bit clock pulse width HIGH
15
−−
ns
tBCKL
bit clock pulse width LOW
15
−−
ns
tSU;DAT
data set-up time
12
−−
ns
tHD:DAT
data hold time to bit clock
10
−−
ns
tHD:WS
word select hold time
10
−−
ns
tSU;WS
word select set-up time
12
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com