Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1313 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1313
Description  Stereo continuous calibration DAC CC-DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1313 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1313 Datasheet HTML 1Page - NXP Semiconductors TDA1313 Datasheet HTML 2Page - NXP Semiconductors TDA1313 Datasheet HTML 3Page - NXP Semiconductors TDA1313 Datasheet HTML 4Page - NXP Semiconductors TDA1313 Datasheet HTML 5Page - NXP Semiconductors TDA1313 Datasheet HTML 6Page - NXP Semiconductors TDA1313 Datasheet HTML 7Page - NXP Semiconductors TDA1313 Datasheet HTML 8Page - NXP Semiconductors TDA1313 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
July 1993
2
Philips Semiconductors
Objective specification
Stereo continuous calibration DAC
(CC-DAC)
TDA1313; TDA1313T
FEATURES
• 4/8 × oversampling (multiplexed/simultaneous input)
possible
• Voltage output (capable of driving headphone)
• Space saving package (SO16 or DIL16)
• Low power consumption
• Wide dynamic range (16-bit resolution)
• Continuous Calibration concept
• Easy application:
– single 3 to 5.5 V supply rail
– output voltage is proportional to the supply voltage
– integrated current-to-voltage converter
• Internal bias current ensures maximum dynamic range
• Wide operating temperature range (−40 °C to +85 °C)
• Compatible with most current Japanese input format
multiplexed/simultaneous, two's complement and
CMOS)
• No zero crossing distortion
• Cost efficient
• High signal-to-noise ratio
• Low total harmonic distortion.
GENERAL DESCRIPTION
The TDA1313; 1313T is a voltage driven digital-to-analog
converter, and is of a new generation of DACs which
incorporates the innovative technique of Continuous
Calibration (CC). The largest bit-currents are repeatedly
generated from one single current reference source. This
duplication is based upon an internal charge storage
principle having an accuracy which is insensitive to
ageing, temperature and process variations.
The TDA1313; 1313T is fabricated in a 1.0
µm CMOS
process and features an extremely low power dissipation,
small package size and easy application. Furthermore, the
accuracy of the intrinsic high coarse-current combined
with the implemented symmetrical offset decoding method
preclude zero-crossing distortion and ensures high quality
audio reproduction. Therefore, the CC-DAC is eminently
suitable for use in (portable) digital audio equipment.
ORDERING INFORMATION
Notes
1. SOT38-1; 1996 August 15.
2. SOT109-1; 1996 August 15.
EXTENDED TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA1313(1)
16
DIL
plastic
SOT38GG
TDA1313T(2)
16
SO16
plastic
SOT109AG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com