Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1313 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1313
Description  Stereo continuous calibration DAC CC-DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1313 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1313 Datasheet HTML 1Page - NXP Semiconductors TDA1313 Datasheet HTML 2Page - NXP Semiconductors TDA1313 Datasheet HTML 3Page - NXP Semiconductors TDA1313 Datasheet HTML 4Page - NXP Semiconductors TDA1313 Datasheet HTML 5Page - NXP Semiconductors TDA1313 Datasheet HTML 6Page - NXP Semiconductors TDA1313 Datasheet HTML 7Page - NXP Semiconductors TDA1313 Datasheet HTML 8Page - NXP Semiconductors TDA1313 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
July 1993
3
Philips Semiconductors
Objective specification
Stereo continuous calibration DAC
(CC-DAC)
TDA1313; TDA1313T
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3.0
5.0
5.5
V
IDD
supply current
VDD = 5 V; at code
0000H
8
9.5
mA
VFS
full scale output voltage
VDD = 5 V
3.8
4.2
4.6
V
(THD
+N)/S
total harmonic distortion
plus noise
at 0 dB signal level
−−88
−81
dB
0.004
0.009
%
at 0 dB signal level;
see Fig.8
−−70
dB
0.03
%
at
−60 dB signal level −−36
−28
dB
1.6
4.0
%
at
−60 dB; A-weighted −−38
dB
1.3
%
S/N
signal-to-noise ratio at
bipolar zero
A-weighted at code
0000H
93
98
dB
tCS
current setting time to
±1LSB
0.2
−µs
BR
input bit rate at data input
−−
18.4
Mbits/s
fBCK
clock frequency at clock
input
−−
18.4
MHz
TCFS
full scale temperature
coefficient at analog outputs
(VOL; VOR)
400
ppm
Tamb
operating ambient
temperature
−40
+85
°C
Ptot
total power dissipation
VDD = 5 V; at code
0000H
40
53
mW
VDD = 3 V; at code
0000H
15
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com