Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2489CDEPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2489CDEPBF
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2489CDEPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2489CDEPBF Datasheet HTML 1Page - Linear Technology LTC2489CDEPBF Datasheet HTML 2Page - Linear Technology LTC2489CDEPBF Datasheet HTML 3Page - Linear Technology LTC2489CDEPBF Datasheet HTML 4Page - Linear Technology LTC2489CDEPBF Datasheet HTML 5Page - Linear Technology LTC2489CDEPBF Datasheet HTML 6Page - Linear Technology LTC2489CDEPBF Datasheet HTML 7Page - Linear Technology LTC2489CDEPBF Datasheet HTML 8Page - Linear Technology LTC2489CDEPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2489
1
2489f
RSOURCE (Ω)
1
–20
0
20
1k
100k
2489 TA01b
–40
–60
–80
10
100
10k
40
60
80
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CIN = 1μF
16-Bit 2-/4-Channel
ΔΣ ADC with Easy Drive Input Current
Cancellation and I2C Interface
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
The LTC®2489 is a 4-channel (2-channel differential),
16-bit, No Latency ΔΣ™ ADC with Easy Drive technology
and a 2-wire, I2C interface. The patented sampling scheme
eliminates dynamic input current errors and the shortcom-
ings of on-chip buffering through automatic cancellation of
differential input current. This allows large external source
impedances and rail-to-rail input signals to be directly
digitized while maintaining exceptional DC accuracy.
The LTC2489 includes an integrated oscillator. This device
can be configured to measure an external signal from com-
binations of 4 analog input channels operating in single-
ended or differential modes. It automatically rejects line
frequencies of 50Hz and 60Hz simultaneously.
The LTC2489 allows a wide, common mode input range
(0V to VCC), independent of the reference voltage. Any
combination of single-ended or differential inputs can be
selected and the first conversion, after a new channel is
selected, is valid. Access to the multiplexer output enables
optional external amplifiers to be shared between all
analog inputs and auto calibration continuously removes
their associated offset and drift.
Data Acquisition System with Temperature Compensation
■
Up to 2 Differential or 4 Single-Ended Inputs
■
Easy DriveTM Technology Enables Rail-to-Rail
Inputs with Zero Differential Input Current
■
Directly Digitizes High Impedance Sensors with
Full Accuracy
■
2-Wire I2C Interface with 9 Addresses Plus One
Global Address for Synchronization
■
600nV RMS Noise (0.02LSB Transition Noise)
■
GND to VCC Input/Reference Common Mode Range
■
Simultaneous 50Hz/60Hz Rejection
■
2ppm INL, No Missing Codes
■
1ppm Offset and 15ppm Full-Scale Error
■
No Latency: Digital Filter Settles in a Single Cycle,
Even After a New Channel is Selected
■
Single Supply, 2.7V to 5.5V Operation (0.8mW)
■
Internal Oscillator
■
Tiny 4mm × 3mm DFN Package
■
Direct Sensor Digitizer
■
Direct Temperature Measurement
■
Instrumentation
■
Industrial Process Control
+FS Error vs RSOURCE at IN+ and IN–
SDA
SCL
FO
REF+
VCC
2.7V TO 5.5V
0.1
μF
COM
REF –
16-BIT
ΔΣ ADC
WITH EASY-DRIVE
4-CHANNEL
MUX
IN+
IN–
2489 TA01a
2-WIRE
I2C INTERFACE
1.7k
CA1
CA0
9-PIN SELECTABLE
ADDRESSES
CH0
CH1
CH3
CH2
10
μF
OSC
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
No Latency
ΔΣ and Easy Drive are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LTC2489CDEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2489 LINER-LTC2489 Datasheet
383Kb / 26P
16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2489 LINER-LTC2489_15 Datasheet
383Kb / 26P
16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2489CDEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2493 LINER-LTC2493 Datasheet
575Kb / 32P
24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2489 LINER-LTC2489_15 Datasheet
383Kb / 26P
16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2493 LINER-LTC2493_15 Datasheet
544Kb / 32P
24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497_15 Datasheet
617Kb / 30P
16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_15 Datasheet
1Mb / 34P
24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com