Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2489CDEPBF Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2489CDEPBF
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2489CDEPBF Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2489CDEPBF Datasheet HTML 15Page - Linear Technology LTC2489CDEPBF Datasheet HTML 16Page - Linear Technology LTC2489CDEPBF Datasheet HTML 17Page - Linear Technology LTC2489CDEPBF Datasheet HTML 18Page - Linear Technology LTC2489CDEPBF Datasheet HTML 19Page - Linear Technology LTC2489CDEPBF Datasheet HTML 20Page - Linear Technology LTC2489CDEPBF Datasheet HTML 21Page - Linear Technology LTC2489CDEPBF Datasheet HTML 22Page - Linear Technology LTC2489CDEPBF Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC2489
19
2489f
The SINC4 digital filter provides excellent normal mode
rejection at all frequencies except DC and integer multiples
of the modulator sampling frequency (fS). The modulator
sampling frequency is fS = 15,360Hz while operating with
its internal oscillator and fS = fEOSC/20 when operating with
an external oscillator of frequency fEOSC.
When using the internal oscillator, the LTC2489 is designed
to reject line frequencies. As shown in Figure 15, rejection
nulls occur at multiples of frequency fN, where fN = 55Hz
for simultaneous 50Hz/60Hz rejection. Multiples of the
modulator sampling rate (fS = fN • 256) only reject noise
to 15dB (see Figure 16); if noise sources are present at
these frequencies antialiasing will reduce their effects.
The user can expect to achieve this level of performance
using the internal oscillator, as shown in Figure 17.
Measured values of normal mode rejection are shown
superimposed over the theoretical values.
Traditional high order delta-sigma modulators suffer
from potential instabilities at large input signal levels. The
proprietary architecture used for the LTC2489 third order
modulator resolves this problem and guarantees stability
with input signals 150% of full scale. In many industrial
applications, it is not uncommon to have microvolt level
signals superimposed over unwanted error sources with
several volts if peak-to-peak noise. Figure 18 shows mea-
surement results for the rejection of a 7.5V peak-to-peak
noise source (150% of full scale) applied to the LTC2489.
This curve shows that the rejection performance is main-
tained even in extremely noisy environments.
Output Data Rate
When using its internal oscillator, the LTC2489 produces
up to 7.5 samples per second (sps) with a notch frequency
of 60Hz. The actual output data rate depends upon the length
of the sleep and data output cycles which are controlled
APPLICATIONS INFORMATION
INPUT SIGNAL FREQUENCY (Hz)
2489 F15
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN
0
2fN 3fN 4fN 5fN 6fN 7fN 8fN
fN = fEOSC/5120
INPUT SIGNAL FREQUENCY (Hz)
250fN 252fN 254fN 256fN 258fN 260fN 262fN
2489 F16
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN = fEOSC/5120
Figure 16. Input Normal Mode Rejection at fS = 256 • fN
Figure 15. Input Normal Mode Rejection at DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com