Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVLSPIN32G4-ACT Datasheet(PDF) 7 Page - STMicroelectronics

Part # EVLSPIN32G4-ACT
Description  STSPIN32G4 reference design for next generation smart actuators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSPIN32G4-ACT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EVLSPIN32G4-ACT Datasheet HTML 3Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 4Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 5Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 6Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 7Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 8Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 9Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 10Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1.2
Bill of material
Table 2. EVLSPIN32G4-ACT bill of materials
Item
Q.ty
Reference
Description
Value
1
5
CN1, CN2, CN3,
CN4, CN5
Insulated female Faston wire to board connector, 6.35 x 0.8mm
Tab size, 1.5mm² to 2.5mm²
267-4170
2
1
CN6
Wire jumper, pitch 2.54mm, length 10mm, 26 - 20 AWG
3
5
CON1, CON2,
CON3, CON4,
CON5
Tab FASTON .250 Series
928814-1
4
1
CON6
High current connectors for board-to-FPC/for board-to-board P4SP
( 0.4mm pitch )
AXF6G3412A
5
1
CON7
High current connectors for board-to-FPC/for board-to-board P4SP
( 0.4mm pitch )
AXF5G3412A
6
1
CON8
2.54mm pitch C-Grid III header, single row, right-angle, 4 circuits,
0.38µm gold selective plating
N.M.
7
1
CON9
2.54mm pitch C-Grid III header, single row, right-angle, 2 circuits,
0.38µm gold selective plating
61300211021
8
1
CON10
2.54mm pitch C-Grid III header, single row, right-angle, 5 circuits,
0.38µm gold selective plating
61300511021
9
1
CON11
Surface mount micro header (1.27mm) .050" pitch FTSH series
FTSH-107-01-L-DH
10
1
C1
SMT ceramic capacitor 0402
1nF, 25V, 10%
11
1
C2
SMT ceramic capacitor 0603
100nF, 25V, 10%
12
2
C3, C4
SMT ceramic capacitor 0402
6.8pF, 6.3V, 0.25pF
13
1
C5
SMT ceramic capacitor 0805
100nF, 100V, 10%
14
1
C6
SMT ceramic capacitor 1210
4.7uF, 100V, 10%
15
1
C7
SMT ceramic capacitor 0805
10uF, 25V, 10%
16
1
C8
SMT ceramic capacitor 0402
N.M.
17
1
C9
SMT ceramic capacitor 1210
47u, 16V, 20%
18
4
C10, C18, C20,
C22
SMT ceramic capacitor 0805
220nF, 100V, 10%
19
4
C11, C23, C25,
C27
SMT ceramic capacitor 0402
N.M.
20
1
C12
SMT ceramic capacitor 0603
2.2uF, 6.3V, 10%
21
4
C13, C14, C16,
C37
SMT ceramic capacitor 0402
100nF, 6.3V, 10%
22
1
C15
SMT ceramic capacitor 0603
1uF, 6.3V, 10%
23
3
C17, C19, C21
SMT ceramic capacitor 0603
1uF, 25V, 10%
24
2
C24, C26
SMT ceramic capacitor 0402
33nF, 6.3V, 10%
25
1
C28
SMT ceramic capacitor 0402
100nF, 6.3V, 10%
26
1
C29
THT electrolytic capacitor
220uF, 60V, 20%
27
2
C30, C31
SMT ceramic capacitor 0603
10nF, 100V, 10%
28
2
C32, C36
SMT ceramic capacitor 0603
100nF, 25V, 10%
29
4
C33, C34, C35,
C38
SMT ceramic capacitor 0402
1nF, 6.3V, 10%
30
1
D1
Schottky rectifier SOD-123
STPS0560Z
31
1
D2
Low drop power Schottky rectifier SMA
STPS2L60
EVLSPIN32G4-ACT
Bill of material
DB5035 - Rev 1
page 7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com