Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVLSPIN32G4-ACT Datasheet(PDF) 9 Page - STMicroelectronics

Part # EVLSPIN32G4-ACT
Description  STSPIN32G4 reference design for next generation smart actuators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSPIN32G4-ACT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button EVLSPIN32G4-ACT Datasheet HTML 5Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 6Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 7Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 8Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 9Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 10Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 11Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 12Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Item
Q.ty
Reference
Description
Value
66
3
SB2, SB4, SB5
SMT resistor 0603
N.M.
67
4
SP1, SP2, SP3,
SP4
Nylon spacer
701514000
68
2
SW1, SW2
WS-TASU SMT tact switch
434351045816
69
1
TP1
40x71 mils SMD PAD
S1751-46
70
1
TP2
Strip connector 3 pos, 2.54mm
N.M.
71
3
TP3, TP4, TP5
Test point - PCB 1.5mm diameter
N.M.
72
1
U1
Step-down switching regulator
ST1S14PHR
73
1
U2
Three-phase brushless motor controller embedding STM32G4
MCU
STSPIN32G4
74
1
U3
TCAN33x 3.3-V CAN transceivers with CAN FD
N.M.
75
1
X1
Low profile quartz crystal
24MHz
EVLSPIN32G4-ACT
Bill of material
DB5035 - Rev 1
page 9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com