Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVLSPIN32G4-ACT Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVLSPIN32G4-ACT
Description  STSPIN32G4 reference design for next generation smart actuators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSPIN32G4-ACT Datasheet(HTML) 1 Page - STMicroelectronics

  EVLSPIN32G4-ACT Datasheet HTML 1Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 2Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 3Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 4Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 5Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 6Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 7Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 8Page - STMicroelectronics EVLSPIN32G4-ACT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
•
Power stage based on the STL60N10F7 power MOSFETs with output current
up to 5 Arms and protected to overcurrent condition
•
Bus voltage from 10 V to 48 V with dedicated monitoring
•
STSPIN32G4, high performance three-phase motor controller with embedded
STSPIN32G431 MCU
•
Triple-shunt or single-shunt differential current sensing using embedded
operational amplifiers
•
Inputs for speed/position feedback by digital Hall sensors or incremental
quadrature endcoders
•
Predisposition for CAN bus
•
NTC sensor for power stage temperature monitoring
•
Interface with STWIN.box and external sensor boards
Application
•
Industrial and home automation
•
IoT
•
Condition monitoring
•
Predictive maintenance
•
Home appliances such as vacuum cleaners, dryers, and cleaning robots
•
Servo drives and e-bikes
•
Service and automation robots
•
Power and garden tools
•
Pumps and fans
•
Drones and aeromodelling
Description
The EVLSPIN32G4-ACT is a reference design for implementing next generation
smart actuators, based on the STSPIN32G4, a system-in-package integrating in a
9x9 mm VFQFPN package, a triple high-performance half-bridge gate driver with a
rich set of programmable features and a mixed signal STM32G431 microcontroller.
The board is designed to drive three-phase brushless motors up to 5 Arms output
current and 48 V supply input delivering a total power of 250 W in a very compact
form factor (62 mm x 50 mm). Monitoring is available for the power stage in case of
overheating, overvoltage, and overcurrent. The sensing of motor winding currents
can be selected between three-shunt or single-shunt topology. The board is ready for
FOC and 6-step control algorithms and can run in sensor-less and sensor-based
mode using Hall sensors or quadrature encoder.
Thanks to a smooth interfacing with the STWIN.box development kit and a complete
software and firmware ecosystem, the motor inverter is empowered by wired and
wireless connectivity (RS485, UART, USB, CAN, and Bluetooth® Low Energy, Wi-Fi,
NFC), a plethora of inertial end environmental sensors (accelerometer, gyroscope,
inclinometer, magnetometer, humidity, temperature, pressure), and data storage
onboard (microSD™ card) making the EVLSPIN32G4-ACT a perfect suit for cutting
edge motor control solutions such as IoT, condition monitoring, and predictive
maintenance.
Product status link
EVLSPIN32G4-ACT
STSPIN32G4 reference design for next generation smart actuators
EVLSPIN32G4-ACT
Data brief
DB5035 - Rev 1 - September 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVLSPIN32G4-ACT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLSRK1000-PF STMICROELECTRONICS-EVLSRK1000-PF Datasheet
189Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000-TO STMICROELECTRONICS-EVLSRK1000-TO Datasheet
198Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000A-PF STMICROELECTRONICS-EVLSRK1000A-PF Datasheet
190Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000A-TO STMICROELECTRONICS-EVLSRK1000A-TO Datasheet
200Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000B-PF STMICROELECTRONICS-EVLSRK1000B-PF Datasheet
190Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
More results

Similar Description - EVLSPIN32G4-ACT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
Interworking Controller Next Generation
2003
logo
Cypress Semiconductor
CY28416 CYPRESS-CY28416 Datasheet
276Kb / 15P
Next Generation FTG for Intel-R Architecture
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
Reference Design for the
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
logo
SpectraLinear Inc
CY28416 SPECTRALINEAR-CY28416 Datasheet
190Kb / 14P
Next Generation FTG for Intel짰 Architecture
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
Crimping Next Generation
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
next generation power source
logo
Glenair, Inc.
180_118 GLENAIR-180_118 Datasheet
265Kb / 1P
Next Generation MIL-PRF-64266
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com