Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL155AC-201 Datasheet(PDF) 74 Page - Emerson Network Power

Part # PL155AC-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155AC-201 Datasheet(HTML) 74 Page - Emerson Network Power

Back Button PL155AC-201 Datasheet HTML 70Page - Emerson Network Power PL155AC-201 Datasheet HTML 71Page - Emerson Network Power PL155AC-201 Datasheet HTML 72Page - Emerson Network Power PL155AC-201 Datasheet HTML 73Page - Emerson Network Power PL155AC-201 Datasheet HTML 74Page - Emerson Network Power PL155AC-201 Datasheet HTML 75Page - Emerson Network Power PL155AC-201 Datasheet HTML 76Page - Emerson Network Power PL155AC-201 Datasheet HTML 77Page - Emerson Network Power PL155AC-201 Datasheet HTML 78Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
72
BNC Coax Tool Crimp Assembly Illustration
Step 1
1. Place crimp sleeve onto cable with the step located away from
the cut end as shown.
2. Strip cable as shown and flare braid.
3. On connectors with cable group number -001 thru -007, and
-027 only, slide filler sleeve fully under braid, then bushing under
cable dielectric.
4. Crimp contact pin in position shown.
Step 2
1. Push cable assembly into the body until the contact pin snaps
into place.
2. Slide crimp sleeve forward over braid, up against the body
assembly and crimp in place.
BNC Coax Wrench Crimp Assembly Illustration
Step 1
1. Place clamp nut onto cable.
2. Strip cable as shown and flare braid to allow free entry of cone
(Lateral slits 180° apart may be required for very inflexible jacket
materials).
3. Lightly tin center conductor (optional).
Step 2
1. Push edge of cone between cable dielectric and braid (or
between foil and braid, if foil is present, and cone I.D. will accept
it). Continue to push cable into cone until cable dielectric bottoms
against cone dielectric. Center conductor should be visible in pin
inspection hole.
2. Solder center conductor into pin.
Step 3
1. Bring clamp nut up onto tapered portion of cable.
2. Assemble body and engage with clamp nut.
3. Wrench tighten to 25-30 inch-pounds torque.
Notes: For Illustration purposes only. Not intended to replace actual installation instructions.
CRIMP
SLEEVE
FILLER SLEEVE & BUSHING
BODY ASSY
CABLE STRIPPING
.156
.344
.250
FILLER SLEEVE
(SEE STEP 1, LINE 3)
CRIMP SLEEVE
PIN CONTACT
FLARE
(USED ONLY ON CONNECTORS
-001 THRU -007 & -027)
.632
.593 DIA MAX
1.132
CRIMP SLEEVE
CONTACT PIN
PIN/CONE
ASSY
PIN/CONE ASSY
SOLDER
CLAMP NUT
BODY ASSY
BODY ASSY
CENTER
CONDUCTOR
CABLE STRIPPING
.158
.312
1
CABLE DIELECTRIC
FLARE
BNC Tool/Wrench Crimp Assembly Illustrations
Appendix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com