Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL155AC-201 Datasheet(PDF) 83 Page - Emerson Network Power

Part # PL155AC-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155AC-201 Datasheet(HTML) 83 Page - Emerson Network Power

Back Button PL155AC-201 Datasheet HTML 79Page - Emerson Network Power PL155AC-201 Datasheet HTML 80Page - Emerson Network Power PL155AC-201 Datasheet HTML 81Page - Emerson Network Power PL155AC-201 Datasheet HTML 82Page - Emerson Network Power PL155AC-201 Datasheet HTML 83Page - Emerson Network Power PL155AC-201 Datasheet HTML 84Page - Emerson Network Power PL155AC-201 Datasheet HTML 85Page - Emerson Network Power PL155AC-201 Datasheet HTML 86Page - Emerson Network Power PL155AC-201 Datasheet HTML 87Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
81
Cable Group Table
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
COMMSCOPE
5789
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
5790
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
5901
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5902
COAX
-6A
_
0.415
0.064
75
COMMSCOPE
5903
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5904
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5906
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5908
COAX
-6A
-051
0.405
0.048
75
COMMSCOPE
5909
COAX
-6A
-051
0.405
0.048
75
COMMSCOPE
5910
COAX
-6A
-052
0.395
0.064
75
COMMSCOPE
5912
COAX
-6A
-052
0.395
0.064
75
COMMSCOPE
5913
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5914
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5914
COAX
-6A
_
0.415
0.064
75
COMMSCOPE
5915
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5916
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5917
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5918
COAX
-6A
_
0.412
0.064
75
COMMSCOPE
5920
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5920
COAX
-6A
_
0.415
0.064
75
COMMSCOPE
5940
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5950
COAX
-6A
-053
0.415
0.064
75
COMMSCOPE
5950
COAX
-6A
-053
0.405
0.064
75
COMMSCOPE
5951
COAX
-6A
_
0.405
0.064
75
COMMSCOPE
5952
COAX
-6A
_
0.415
0.064
75
COMMSCOPE
5953
COAX
-6A
_
0.415
0.064
75
COMMSCOPE
6200
COAX
-2
-015
0.242
0.025
92
COMMSCOPE
6201
COAX
-2
-013
0.242
0.025
93
COMMSCOPE
6205
COAX
*
-018
0.260
0.025
93
COMMSCOPE
6605
COAX
*
-018
0.267
0.025
93
COMMSCOPE
6608
COAX
-2
-015A
0.249
0.025
93
COMMSCOPE
6609
COAX
-2
-015A
0.249
0.025
93
COMMSCOPE
6611
COAX
-2
-015A
0.242
0.025
93
COMMSCOPE
6612
COAX
-2
-015A
0.242
0.025
93
COMMSCOPE
6615
COAX
-2
-015A
0.249
0.025
93
COMMSCOPE
7500
COAX
-6
-016
0.304
0.032
75
COMMSCOPE
7501
COAX
-6
-016
0.304
0.032
75
COMMSCOPE
7503
COAX
-6
-016
0.304
0.032
75
COMMSCOPE
7505
COAX
-6
-016
0.305
0.032
75
COMMSCOPE
7506
COAX
-6
-016
0.304
0.033
75
COMMSCOPE
7510
COAX
-6
-016
0.304
0.031
75
COMMSCOPE
7530
COAX
_
-054
0.318
0.051
75
COMMSCOPE
7536
COAX
-4
-009
0.150
0.023
75
COMMSCOPE
7537
COAX
-4
-009
0.154
0.023
75
COMMSCOPE
7538
COAX
-37
-009
0.159
0.022
75
COMMSCOPE
7551
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
7573
COAX
-2A
-022
0.220
0.027
75
COMMSCOPE
7713
COAX
-6A
_
0.413
0.086
50
COMMSCOPE
7714
COAX
-6B
TOO LARGE
0.425
0.089
75
COMMSCOPE
7714
COAX
-6B
_
0.432
0.088
50
COMMSCOPE
7715
COAX
-6B
_
0.432
0.088
50
COMMSCOPE
7723
COAX
-3
-012
0.212
0.036
50
COMMSCOPE
7725
COAX
*
-023
0.220
0.036
50
COMMSCOPE
7726
COAX
-3
-012
0.220
0.036
50
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com