Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL155AC-201 Datasheet(PDF) 26 Page - Emerson Network Power

Part # PL155AC-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155AC-201 Datasheet(HTML) 26 Page - Emerson Network Power

Back Button PL155AC-201 Datasheet HTML 22Page - Emerson Network Power PL155AC-201 Datasheet HTML 23Page - Emerson Network Power PL155AC-201 Datasheet HTML 24Page - Emerson Network Power PL155AC-201 Datasheet HTML 25Page - Emerson Network Power PL155AC-201 Datasheet HTML 26Page - Emerson Network Power PL155AC-201 Datasheet HTML 27Page - Emerson Network Power PL155AC-201 Datasheet HTML 28Page - Emerson Network Power PL155AC-201 Datasheet HTML 29Page - Emerson Network Power PL155AC-201 Datasheet HTML 30Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
24
Bulkhead Cable Jacks
Wrench Crimp, Flange Mount
2-lug........................................... BJ89F-
3-lug......................................... BJ893F-
Threaded.................................. BJ389F-
Wrench Crimp, D Hole Mount
2-lug............................................ BJ89-
3-lug.......................................... BJ893-
Threaded................................... BJ389-
Cable Plug
2-lug............................................. PL80-
3-lug........................................... PL803-
Threaded.....................................PL380-
Cable Jack
Wrench Crimp
2-lug............................................. CJ80-
3-lug........................................... CJ803-
Threaded.................................... CJ380-
Bulkhead Jack
Solder Pot
2-lug................ BJ80
3-lug.............. BJ803
Threaded........ BJ380
Feed-thru Jack
2-lug................ BJ88
3-lug.............. BJ883
Threaded....... BJ388
Larger bodies available to
accommodate cable sizes,
contact customer service.
BJ88 Shown
Mounting Hole: D1.343
CJ80 Shown
PL80 Shown
BJ80 Shown
Mounting Hole: D1.156
BN83-1 Shown
Bottom Drawing: BJ89 Shown
.130
.625 WRENCH FLAT
.750
DIA
1.773
.781 DIA MAX
.687 WRENCH FLAT
1.790
1.590
.500
.535
DIA
.130
WRENCH FLATS
WRENCH FLATS
.535
DIA
1.312
.500
.095
.750-32UNEF-2A
ACCEPTS
.065 DIA
CONDUCTOR
1.000 HEX
.065 DIA
1.650 TYP
.750-32UNEF-2A
1.000 HEX NUT
.90
1.060
DIA
.685
DIA
.535
DIA
.625
WRENCH
FLATS
.750
.761
.094
.130
1.590
1.790
MAX
PANEL THK
.250
.844
TYP
CABLE ENTRY
.120 DIA
4 MTG HOLES
1.125
TYP
.750 SQ.
.406
.140 DIA
MTG HOLE
.200 DIA
.535
DIA
TYP
JACK
1.750
.375
JACK
1.619
.773 DIA
MAX
PLUG
.730 DIA
.130
1.000
HEX TYP
.625 WRENCH FLATS
.500
.919
1.590
“D” mounting holes see page 54.
Top Drawing: BJ89F Shown
TRC “T” Adapter
2-lug............ BN83-1
3-lug.......... BN833-1
Threaded... BN383-1
Twinax/Triax Connectors / Standard Threaded
80/380 Series, TRC/TRN
Mounting Holes: DD6.250 /
D11.250 - Cable Groups: -14A,
-16, -61, -62
For other chain options see page 63.
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com