Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-47 Datasheet(PDF) 53 Page - Emerson Network Power

Part # PL375-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-47 Datasheet(HTML) 53 Page - Emerson Network Power

Back Button PL375-47 Datasheet HTML 49Page - Emerson Network Power PL375-47 Datasheet HTML 50Page - Emerson Network Power PL375-47 Datasheet HTML 51Page - Emerson Network Power PL375-47 Datasheet HTML 52Page - Emerson Network Power PL375-47 Datasheet HTML 53Page - Emerson Network Power PL375-47 Datasheet HTML 54Page - Emerson Network Power PL375-47 Datasheet HTML 55Page - Emerson Network Power PL375-47 Datasheet HTML 56Page - Emerson Network Power PL375-47 Datasheet HTML 57Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
51
Ordering Loaded Panels
Panels can be ordered pre-loaded with any compatible jacks
without additional labor charge by using the following part
number format (provided the mechanical restrictions are
recognized).
Example:
JSI-48A/HDVDP: Standard 48-hole, Insulated Panel (JSI-48A), loaded
with twenty four (24) Standard 75Ω Patch Jacks (HDVDPT)
Panel Part Number
JS: Aluminum (Gray).................................................................... JS
JSI: Insulated (Gray).................................................................... (I)
JSIB: Insulated (Black)............................................................... (IB)
JSIX: Miniature Triax Insulated (Black)....................................... (IX)
JSMW: Miniature Coax Insulated (Black)................................ (MW)
Jack Part Number............................................................. JACK
Panel Specifications
Notching
Metal panels (EIA-310-C): Open
Phenolic (EIA-310-C): Closed
Standard 19” Panels
In popular sizes and configurations
Available in insulated black phenolic, and insulated or non-
insulated aluminum. Aluminum panels are painted standard gray
and come with either a phenolic back bar (insulated type), or
an iridited aluminum back bar (non-insulated type). Aluminum
panels can be painted to suit, or color matched (special order).
Phenolic panels are available in black only.
Panels available in heights of 1.75” (1 RU) or 3.5” (2 RU).
Custom Panels & Marking
Custom panels can be configured to meet your specifications,
including special wiring, colors, engraving, or silk-screening
(custom marking). Patch jack locations can also be marked on the
rear of the panel for easy location of jacks. Please contact your
local representative.
Front Loading Modular Panels are on page 12.
Hole Plugs
For Jacks and Panels
Trompeter Patch Products
Trompeter offers a wide selection of patching products for Military
Databus, Telemetry, Telecom, Broadcast, CATV, and Testing. We
offer these products for Twinax, Triax, and Coax cabling and in sizes
to meet your space restrictions and environmental requirements.
Aluminum
Phenolic
.1875 x .375
Nylon Bushing
Non-insulated
Insulated
HP437
HP304
HP375
Patching Products / Standard Panel Specifications
Hole Plugs For:
Hole Diameter
Part Number
Miniature Patch Panel (J8)
.250”
HP250
Miniature Patch Jack (HDVDPM,
J11)
.304”
HP304
Standard Patch Jack (HDVDP)
.375”
HP375
Standard Patch Panel (JS, JSI)
.437”
HP437
Standard Patch Panel
.500”
HP500
Materials
JS Series, Common Ground Panels
Panel: 6061-T6 Grade Aluminum
Backbar: 6061-T6 Grade Aluminum
JSI Series, Insulated Panels
Panel: 6061-T6 Grade Aluminum
Backbar: XXX Non-hydroscopic Phenolic
Jack Insulation: Nylon Sleeves
JSIB Series, Insulated Panels
Panel: Black Arboron
JSMW Series, Insulated Panel
Panel: Black Arboron
Finishes
Standard Finish
FED-STD-595-26307, Light Gray
Customer Supplied
FED-STD-595# or Paint Chip
Chemical Film Finish
MIL-C-5541, Class 1a (Gold Tone)
MIL-C-5541, Class 3 (Clear)
Indentification
Designation Strip: Passivated Steel
Standard Patch Panels: DS1 .580” x 16.6”
Standard Patch Panels: DS2 .870” x 16.6”
High Density Patch Panels: DS4 .240” x 16.6”
Card: Opaque Vinyl
Window: Clear Vinyl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com