Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-47 Datasheet(PDF) 70 Page - Emerson Network Power

Part # PL375-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-47 Datasheet(HTML) 70 Page - Emerson Network Power

Back Button PL375-47 Datasheet HTML 66Page - Emerson Network Power PL375-47 Datasheet HTML 67Page - Emerson Network Power PL375-47 Datasheet HTML 68Page - Emerson Network Power PL375-47 Datasheet HTML 69Page - Emerson Network Power PL375-47 Datasheet HTML 70Page - Emerson Network Power PL375-47 Datasheet HTML 71Page - Emerson Network Power PL375-47 Datasheet HTML 72Page - Emerson Network Power PL375-47 Datasheet HTML 73Page - Emerson Network Power PL375-47 Datasheet HTML 74Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
68
Notes:
(1) = Center Conductor to Inner Braid
(2) = Conductor to Shield
(3) = Conductor to Conductor
Twinax/Triax: Plenum/Halogen Free Cable Specs
Twinax
Triax
Cable Designation
TWCP-78-1
TWCP-78-2
TWCH-78-2
TWCP-124-2
TWCP-124-3
TWCP-124-5
TRCH-50-2
Description
Plenum
Plenum
Halogen Free
Plenum
Plenum
Plenum
Halogen Free
Impedance (Ohms)
78±3
78±3
78±3
124±4
124±4
124±5
50±2
Nominal outer dia.
0.150
0.242
0.242
0.245
0.205
0.325
0.245
Outer braid dia.
0.102
0.165
0.195
0.183
0.183
0.295
0.210
Core outer dia.
0.154
0.163
Dielectric outer dia.
0.041
0.072
.076
0.080
0.062
0.134
0.116
Inner braid outer dia.
0.043
0.146
Inner jacket outer dia.
0.175
Conductor outer dia.
0.021
0.037
0.037
0.024
0.024
0.048
0.037
Operating temperature
range
+125°C
+125°C
-30°C to +80°C
+125°C
-10°C to +75°C
-10°C to +125°C
-30°C to +80°C
Minimum bend radius
(in/ft.)
1.50
2.50
1.25
2.5
2.0
3.25
1.25
Max. Opr. VDC
2KV
2500
2500
6 KV
Max. Opr. VAC (RMS)
1KV
1KV
1800
1800
2 KV
Capacitance pf/ft. (Max)
19.6 (3)
18.6(3)
21.2(3)
11.5
12.0(3)
11.0(3)
Cond. loop res.
(Ohms/M ft.)
19.0
47.0
28.4
6.5(3)
10.5
Atten. dB/100 ft.:
1 MHz
2.00
.60
0.70
.50
0.60
.30
0.50
3 MHz
3.00
1.00
1.10
.85
0.90
.47
0.80
4 MHz
3.50
1.20
1.40
1.10
.64
0.90
5 MHz
4.00
1.40
1.55
1.10
1.20
.69
1.10
7 MHz
4.50
1.60
1.80
1.30
1.40
.79
1.30
10 MHz
5.30
2.00
2.20
1.60
1.60
.94
1.50
20 MHz
7.50
2.80
3.10
2.30
2.20
1.20
2.30
30 MHz
9.20
3.50
3.90
2.80
1.50
2.90
40 MHz
10.60
4.10
4.50
3.20
1.70
3.40
50 MHz
11.90
4.60
5.10
3.70
3.60
2.00
3.90
100 MHz
16.80
6.90
7.50
5.30
5.20
3.00
5.80
200 MHz
23.70
9.90
10.50
7.20
4.50
8.80
500 MHz
37.50
15.40
16.00
11.40
7.00
15.30
700 MHz
44.30
18.30
18.60
13.50
8.40
18.00
1 GHz
53.00
21.80
22.50
16.20
11.00
23.00
Shielded coverage
97%
95%
93%
93%
93%
93%
93%
Twist per ft.
8.0
4.0
4.0
4.0
6.0
6.0
Appendix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com