Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-47 Datasheet(PDF) 82 Page - Emerson Network Power

Part # PL375-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-47 Datasheet(HTML) 82 Page - Emerson Network Power

Back Button PL375-47 Datasheet HTML 78Page - Emerson Network Power PL375-47 Datasheet HTML 79Page - Emerson Network Power PL375-47 Datasheet HTML 80Page - Emerson Network Power PL375-47 Datasheet HTML 81Page - Emerson Network Power PL375-47 Datasheet HTML 82Page - Emerson Network Power PL375-47 Datasheet HTML 83Page - Emerson Network Power PL375-47 Datasheet HTML 84Page - Emerson Network Power PL375-47 Datasheet HTML 85Page - Emerson Network Power PL375-47 Datasheet HTML 86Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
80
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
COMMSCOPE
3222
COAX
*
TOO LARGE
0.412
0.106
50
COMMSCOPE
3226
COAX
*
TOO LARGE
0.412
0.106
50
COMMSCOPE
3246
COAX
-6B
_
0.418
0.086
50
COMMSCOPE
3247
COAX
-6B
_
0.418
0.086
50
COMMSCOPE
3249
COAX
-6B
_
0.413
0.086
50
COMMSCOPE
3250
COAX
-48
TOO LARGE
0.413
0.086
50
COMMSCOPE
5060
COAX
-6
*
0.308
0.040
75
COMMSCOPE
5061
COAX
-41
*
0.264
0.040
75
COMMSCOPE
5065
COAX
_
-009
0.160
0.020
92
COMMSCOPE
5535
COAX
*
-026
0.128
0.017
75
COMMSCOPE
5550
COAX
-2
-013
0.242
0.025
75
COMMSCOPE
5551
COAX
-2
-015
0.250
0.025
75
COMMSCOPE
5553
COAX
-2
-014
0.250
0.032
75
COMMSCOPE
5554
COAX
-2
-014
0.250
0.032
75
COMMSCOPE
5555
COAX
-2
-015
0.250
0.025
80
COMMSCOPE
5559
COAX
-2
-013
0.242
0.025
75
COMMSCOPE
5560
COAX
-2
-015
0.250
0.025
73
COMMSCOPE
5563
COAX
-2
-013
0.250
0.023
75
COMMSCOPE
5565
COAX
-2
-014
0.242
0.032
75
COMMSCOPE
5567
COAX
-2
-014
0.250
0.032
75
COMMSCOPE
5569
COAX
-2
-014
0.250
0.032
75
COMMSCOPE
5571
COAX
-2
-014
0.248
0.032
75
COMMSCOPE
5572
COAX
-2
-014
0.248
0.032
75
COMMSCOPE
5573
COAX
-2
-014
0.246
0.032
75
COMMSCOPE
5574
COAX
-2
-014
0.248
0.032
75
COMMSCOPE
5575
COAX
-2
-014
0.246
0.032
75
COMMSCOPE
5585
COAX
-2
-014
0.242
0.032
75
COMMSCOPE
5586
COAX
-2
-014
0.247
0.032
75
COMMSCOPE
5589
COAX
-2A
-022
0.235
0.025
75
COMMSCOPE
5700
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5701
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5702
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5714
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5715
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5720
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5721
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
5723
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
5725
COAX
-41
-020
0.276
0.040
75
COMMSCOPE
5727
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5728
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5729
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5730
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5731
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
5737
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5738
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
5740
COAX
-6
*
0.308
0.040
75
COMMSCOPE
5742
COAX
-6
*
0.308
0.040
75
COMMSCOPE
5750
COAX
-6
*
0.308
0.040
75
COMMSCOPE
5765
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5781
COAX
-6
*
0.306
0.040
75
COMMSCOPE
5782
COAX
-6
*
0.308
0.040
75
COMMSCOPE
5786
COAX
-41
-020
0.280
0.040
75
COMMSCOPE
5787
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
5788
COAX
-41
-020
0.280
0.40
75
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com