Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3566 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3566
Description  PAL/NTSC decoder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3566 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3566 Datasheet HTML 4Page - NXP Semiconductors TDA3566 Datasheet HTML 5Page - NXP Semiconductors TDA3566 Datasheet HTML 6Page - NXP Semiconductors TDA3566 Datasheet HTML 7Page - NXP Semiconductors TDA3566 Datasheet HTML 8Page - NXP Semiconductors TDA3566 Datasheet HTML 9Page - NXP Semiconductors TDA3566 Datasheet HTML 10Page - NXP Semiconductors TDA3566 Datasheet HTML 11Page - NXP Semiconductors TDA3566 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
February 1994
8
Philips Semiconductors
Product specification
PAL/NTSC decoder
TDA3566A
CHARACTERISTICS
VP = 12 V; Tamb = 25 °C; all voltages are referenced to pin 27; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
10.8
12.0
13.2
V
IP
supply current
90
120
mA
Ptot
total power dissipation
1.1
1.6
W
Luminance input (pin 8)
V8(p-p)
input voltage (peak-to-peak value)
note 1
0.45
0.63
V
V8
input voltage level before clipping
occurs in the input stage
1.4
V
I8
input current
0.1
1
µA
contrast control range
see Fig.3
−11.5
+5
dB
I6
input current contrast control
15
µA
Chrominance amplifier
V4(p-p)
input signal amplitude
(peak-to-peak value)
note 2
40
390
1100
mV
input impedance
10
k
C4
input capacitance
6.5
pF
ACC control range
30
dB
∆V
change of the burst signal at the output
control range
100 mV to
1 V (p-p)
1
dB
G
amplification at nominal saturation
(pin 4 to pin 28)
note 3
34
dB
chrominance to burst ratio at nominal
saturation
7
dB
V28(p-p)
maximum output voltage range
(peak-to-peak value)
RL = 2 kΩ
4
5
V
d
distortion of chrominance amplifier at
2 V (p-p) output signal up to an input
signal of 1 V (p-p)
5
%
α
28-4
frequency response between 0 and
5 MHz
−2
dB
saturation control range
see Fig.4
50
dB
I5
input current saturation control
20
µA
cross-coupling between luminance and
chrominance amplifier
note 4
−46
dB
S/N
signal-to-noise ratio at nominal input
signal
note 5
56
dB
∆ϕ
phase shift burst with respect to
chrominance at nominal saturation
±5
deg
output impedance of chrominance
amplifier
10
Z
4
Z
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com