Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3566 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3566
Description  PAL/NTSC decoder
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3566 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3566 Datasheet HTML 7Page - NXP Semiconductors TDA3566 Datasheet HTML 8Page - NXP Semiconductors TDA3566 Datasheet HTML 9Page - NXP Semiconductors TDA3566 Datasheet HTML 10Page - NXP Semiconductors TDA3566 Datasheet HTML 11Page - NXP Semiconductors TDA3566 Datasheet HTML 12Page - NXP Semiconductors TDA3566 Datasheet HTML 13Page - NXP Semiconductors TDA3566 Datasheet HTML 14Page - NXP Semiconductors TDA3566 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
February 1994
11
Philips Semiconductors
Product specification
PAL/NTSC decoder
TDA3566A
tracking of output black level with supply
voltage
0.9
1.0
1.1
S/N
signal-to-noise ratio of output signals
note 5
62
dB
VR(p-p)
residual 4.4 MHz signal at RGB outputs
(peak-to-peak value)
100
mV
VR(p-p)
residual 8.8 MHz signal and higher
harmonics at the RGB outputs
(peak-to-peak value)
150
mV
|Zo|
output impedance (pins 13, 15 and 17)
100
α
tot
frequency response of total luminance
and RGB amplifier circuits for f = 0 MHz
and 5 MHz
−1
−3
dB
Io
current source of output stage
2
3
mA
∆V
difference of black level at the three
outputs at nominal brightness
note 11
10
mV
tracking of brightness control
2
%
Data insertion
V12, 14, 16(p-p) input signals (peak-to-peak value) for an
RGB output voltage of
3.8 V (peak-to-peak) at nominal contrast
note 4
0.9
1.0
1.1
V
∆V
difference between the black level of the
RGB signals and the black level of the
inserted signals at the outputs at
nominal contrast
note 12
170
mV
tr
output rise time
50
80
ns
td
difference delay for the three channels
0
40
ns
I12, 14, 16
input current
10
µA
Data blanking
V9
input voltage for no data insertion
0.3
V
V9
input voltage for data insertion
0.9
V
V9
maximum input pulse voltage
3
V
td
delay of data blanking
20
ns
R9
input resistance
7
10
13
k
suppression of the internal RGB signals
when V9 > 0.9 V
46
dB
suppression of external RGB signals
when V9 < 0.3 V
46
dB
Sandcastle input (note 13)
V7
level at which the RGB blanking is
activated
1.0
1.5
2.0
V
V7
level at which the horizontal pulses are
separated
3.0
3.5
4.0
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
∆V
bl
V
bl
------------
V
Pl
∆V
Pl
------------
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com