Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-92 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # DER-92
Description  0.5W Non-Isolated Buck-Boost Converter using the LNK302P
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-92 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button DER-92 Datasheet HTML 2Page - Power Integrations, Inc. DER-92 Datasheet HTML 3Page - Power Integrations, Inc. DER-92 Datasheet HTML 4Page - Power Integrations, Inc. DER-92 Datasheet HTML 5Page - Power Integrations, Inc. DER-92 Datasheet HTML 6Page - Power Integrations, Inc. DER-92 Datasheet HTML 7Page - Power Integrations, Inc. DER-92 Datasheet HTML 8Page - Power Integrations, Inc. DER-92 Datasheet HTML 9Page - Power Integrations, Inc. DER-92 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DER-92
0.5W, 40mA, Open Loop LED Driver
August 11, 2005
4
Circuit Description
This is a very simple circuit, which requires as few as 9 components. An additional input
diode may be placed on the return leg for EMI and surge withstand capability
4.1
Input EMI Filtering
Resistors RF1, RF2 and capacitors C1 and C2 form the EMI filter. C1 C2 and RF2 are
connected to form a low cost resistive
π filter and provide excellent differential mode
filtering and also serve as the stable DC bus voltage. Resistor RF1 is a fusible flameproof
type while RF2 can be only flameproof.
4.2
LinkSwitch-TN
LNK302P is used in open loop mode for this circuit. This particular device in the
LinkSwitch-TN family does not have the auto restart feature, and thus when the
feedback pin is left open, the MOSFET switches every cycle until current limit (or duty
cycle limit) is reached.
4.3
Output Rectification
Since this circuit operates strictly in the discontinuous conduction mode (DCM) a 75 nS
recovery time UF4005 diode is used for output rectification. The buck boost topology also
provides benefits of isolating the output from the input in case of Switch failure
4.4
Circuit Operation
This LED driver operates at 66 kHz and energy is provided to the LED’s every switching
cycle. Since the circuit operates in discontinuous mode, a fixed amount of energy is
stored each cycle in L2, then is completely transferred to the load (i.e. the LEDs). The
current in the LED is a triangular waveform, whose peak is determined by the fixed and
well-controlled current limit of the LNK302. The load current is thus independent of line
voltage. As such the need for output filter capacitor is completely eliminated.
Page 6 of 14
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com