Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-92 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # DER-92
Description  0.5W Non-Isolated Buck-Boost Converter using the LNK302P
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-92 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button DER-92 Datasheet HTML 3Page - Power Integrations, Inc. DER-92 Datasheet HTML 4Page - Power Integrations, Inc. DER-92 Datasheet HTML 5Page - Power Integrations, Inc. DER-92 Datasheet HTML 6Page - Power Integrations, Inc. DER-92 Datasheet HTML 7Page - Power Integrations, Inc. DER-92 Datasheet HTML 8Page - Power Integrations, Inc. DER-92 Datasheet HTML 9Page - Power Integrations, Inc. DER-92 Datasheet HTML 10Page - Power Integrations, Inc. DER-92 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DER-92
0.5W, 40mA, Open Loop LED Driver
August 11, 2005
5
PCB Layout
Figure 3 - Printed Circuit Layout
Page 7 of 14
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com