Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-92 Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # DER-92
Description  0.5W Non-Isolated Buck-Boost Converter using the LNK302P
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-92 Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button DER-92 Datasheet HTML 6Page - Power Integrations, Inc. DER-92 Datasheet HTML 7Page - Power Integrations, Inc. DER-92 Datasheet HTML 8Page - Power Integrations, Inc. DER-92 Datasheet HTML 9Page - Power Integrations, Inc. DER-92 Datasheet HTML 10Page - Power Integrations, Inc. DER-92 Datasheet HTML 11Page - Power Integrations, Inc. DER-92 Datasheet HTML 12Page - Power Integrations, Inc. DER-92 Datasheet HTML 13Page - Power Integrations, Inc. DER-92 Datasheet HTML 14Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
DER-92
0.5W, 40mA, Open Loop LED Driver
August 11, 2005
For the latest updates, visit our website: www.powerint.com
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any
information, device or circuit described herein nor does it convey any license under its patent rights or the rights of others. POWER
INTEGRATIONS MAKES NO WARRANTIES HEREIN AND SPECIFICALLY DISCLAIMS ALL WARRANTIES
INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS.
PATENT INFORMATION
The products and applications illustrated herein (including circuits external to the products and transformer construction) may be
covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power
Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo, T OPSw it c h, Ti n ySw it c h , Li n k Sw i t c h , DPA-Sw i t c h and Ec o Sm ar t are registered trademarks of
Power Integrations. PI Ex per t and PI FA CTS are trademarks of Power Integrations. © Copyright 2005 Power Integrations.
Power Integrations Worldwide Sales Support Locations
WORLD HEADQUARTERS
5245 Hellyer Avenue,
San Jose, CA 95138, USA
Main:
+1-408-414-9200
Customer Service:
Phone:
+1-408-414-9665
Fax:
+1-408-414-9765
e-mail: usasales@powerint.com
GERMANY
Rueckerstrasse 3
D-80336, Muenchen
Germany
Phone:
+49-895-527-3910
Fax:
+49-895-527-3920
e-mail: eurosales@powerint.com
JAPAN
1st Bldg Shin-Yokohama,
2-12-20 Kohoku-ku,
Yokohama-shi, Kanagawa
ken, Japan 222-0033
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail:
japansales@powerint.com
TAIWAN
5F-1, No. 316, Nei Hu Rd., Sec. 1
Nei Hu Dist.
Taipei, Taiwan 114, R.O.C.
Phone:
+886-2-2659-4570
Fax:
+886-2-2659-4550
e-mail:
taiwansales@powerint.com
CHINA (SHANGHAI)
Rm 807-808A, Pacheer
Commercial Centre,
555 Nanjing West Rd.
Shanghai, P.R.C. 200041
Phone:
+86-21-6215-5548
Fax:
+86-21-6215-2468
e-mail: chinasales@powerint.com
INDIA (TECHNICAL SUPPORT)
261/A, Ground Floor
7th Main, 17th Cross,
Sadashivanagar
Bangalore, India 560080
Phone:
+91-80-5113-8020
Fax:
+91-80-5113-8023
e-mail: indiasales@powerint.com
KOREA
RM 602, 6FL
Korea City Air Terminal B/D,
159-6
Samsung-Dong, Kangnam-Gu,
Seoul, 135-728, Korea
Phone:
+82-2-2016-6610
Fax:
+82-2-2016-6630
e-mail:
koreasales@powerint.com
UK (EUROPE & AFRICA
HEADQUARTERS)
1st Floor, St. James’s House
East Street, Fernham
Surrey, GU9 7TJ
United Kingdom
Phone:
+44 (0) 1252-730-140
Fax:
+44 (0) 1252-727-689
e-mail: eurosales@powerint.com
CHINA (SHENZHEN)
Room 2206-2207, Block A,
Elec. Sci. Tech. Bldg
2070 Shennan Zhong Rd
Shenzhen, Guangdong,
China, 518031
Phone:
+86-755-8379-3243
Fax:
+86-755-8379-5828
e-mail: chinasales@powerint.com
ITALY
Via Vittorio Veneto 12
20091 Bresso MI
Italy
Phone: +39-028-928-6000
Fax:
+39-028-928-6009
e-mail: eurosales@powerint.com
SINGAPORE
51 Newton Road,
#15-08/10 Goldhill Plaza,
Singapore, 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail:
singaporesales@powerint.com
APPLICATIONS HOTLINE
World Wide +1-408-414-9660
APPLICATIONS FAX
World Wide +1-408-414-9760
Page 14 of 14
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com