Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3602 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3602
Description  Multiple output voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3602 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3602 Datasheet HTML 3Page - NXP Semiconductors TDA3602 Datasheet HTML 4Page - NXP Semiconductors TDA3602 Datasheet HTML 5Page - NXP Semiconductors TDA3602 Datasheet HTML 6Page - NXP Semiconductors TDA3602 Datasheet HTML 7Page - NXP Semiconductors TDA3602 Datasheet HTML 8Page - NXP Semiconductors TDA3602 Datasheet HTML 9Page - NXP Semiconductors TDA3602 Datasheet HTML 10Page - NXP Semiconductors TDA3602 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
July 1994
7
Philips Semiconductors
Product specification
Multiple output voltage regulator
TDA3602
Schmitt triggers
VP2 SCHMITT TRIGGER (FOR HOLD AND REGULATORS 1 AND 2)
Vthr
rising voltage threshold
7.3
7.6
8.0
V
Vthf
falling voltage threshold
6.8
7.1
7.5
V
Vhy
hysteresis
−
0.5
−
V
REGULATOR 1SCHMITT TRIGGER (FOR HOLD)
Vthr
rising voltage threshold
−
VR1 − 0.2
−
V
Vthf
falling voltage threshold
−
VR1 − 0.3
−
V
Vhy
hysteresis
−
0.1
−
V
REGULATOR 2SCHMITT TRIGGER (FOR HOLD)
Vthr
rising voltage threshold
−
VR2 − 0.2
−
V
Vthf
falling voltage threshold
−
VR2 − 0.3
−
V
Vhy
hysteresis
−
0.1
−
V
VBU SCHMITT TRIGGER (REGULATOR 3)
Vthr
rising voltage threshold Vbu
7.3
7.9
8.4
V
Vthf
falling voltage threshold VREG3
2.5
3
3.5
V
Vhy
hysteresis
−
4.9
−
V
State control pin
Vth
voltage threshold between
note 2
−
Vthr1 + 0.2
−
V
sleep and coma
Vthr1
voltage threshold wake to
3.35
3.6
3.85
V
sleep
Vthf1
voltage threshold sleep to
2.5
2.7
2.9
V
wake
Vhy1
hysteresis wake/sleep
0.85
0.92
1.0
V
Vthr2
voltage threshold reset to
2.6
2.8
3.0
V
wake
Vthf2]
voltage threshold wake to
1.75
1.9
2.05
V
reset
Vhy2
hysteresis reset/wake
0.85
0.92
1.0
V
Vthr3
voltage threshold on to reset
1.85
2.0
2.15
V
Vthf3
voltage threshold reset to on
1.0
1.1
1.2
V
Vhy3
hysteresis on/reset
0.85
0.92
1.0
V
Iscl
input current
Vsc ≤ 0.8 V
−−
−1
µA
Vsc ≥ 4 V
−−
1
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com