Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3602 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA3602
Description  Multiple output voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3602 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA3602 Datasheet HTML 18Page - NXP Semiconductors TDA3602 Datasheet HTML 19Page - NXP Semiconductors TDA3602 Datasheet HTML 20Page - NXP Semiconductors TDA3602 Datasheet HTML 21Page - NXP Semiconductors TDA3602 Datasheet HTML 22Page - NXP Semiconductors TDA3602 Datasheet HTML 23Page - NXP Semiconductors TDA3602 Datasheet HTML 24Page - NXP Semiconductors TDA3602 Datasheet HTML 25Page - NXP Semiconductors TDA3602 Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
July 1994
24
Philips Semiconductors
Product specification
Multiple output voltage regulator
TDA3602
handbook, full pagewidth
MSA726
VSC
REGULATORS
1 and 2
P0. 2
P0. 1
P1. 1
S1
t
2.4 V
2 V
ignition switch = open (set was on with ignition off)
0
open
key scan cycle
S1 pushed to switch-off
S1 pushed to switch-on
Fig.16 Timing key matrix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com