Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3602 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3602
Description  Multiple output voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3602 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3602 Datasheet HTML 1Page - NXP Semiconductors TDA3602 Datasheet HTML 2Page - NXP Semiconductors TDA3602 Datasheet HTML 3Page - NXP Semiconductors TDA3602 Datasheet HTML 4Page - NXP Semiconductors TDA3602 Datasheet HTML 5Page - NXP Semiconductors TDA3602 Datasheet HTML 6Page - NXP Semiconductors TDA3602 Datasheet HTML 7Page - NXP Semiconductors TDA3602 Datasheet HTML 8Page - NXP Semiconductors TDA3602 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
July 1994
3
Philips Semiconductors
Product specification
Multiple output voltage regulator
TDA3602
QUICK REFERENCE DATA
Note
1. Vbu (pin 8) supplied by VP2 with a 100 Ω series resistor and IREG3 < 10 mA.
ORDERING INFORMATION
Note
1. SOT110-1; 1996 August 21.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
positive supply voltage
operating
9.2
14.4
18
V
Regulator 3 on
6.0
14.4
18
V
jump start
−−
30
V
load dump; Regulator 3 on
−−
50
V
operating
note 1
6.5
−
30
V
load dump; Regulator 3 on
note 1
−−
50
V
IP
total quiescent current
coma mode
−
290
−µA
Tvj
virtual junction temperature
−−
150
°C
Voltage regulators
VR1
output voltage Regulator 1
0.5 mA
≤ IR1 ≤ 250 mA
8.2
8.5
8.8
V
VR2
output voltage Regulator 2
0.5 mA
≤ IR2 ≤ 140 mA
4.8
5.0
5.2
V
VR3
output voltage Regulator 3
0.5 mA
≤ IR3 ≤ 50 mA
4.8
5
5.2
V
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA3602(1)
9
SIL
plastic
SOT110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com