Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7293 Datasheet(PDF) 62 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD7293 Datasheet HTML 58Page - Analog Devices AD7293 Datasheet HTML 59Page - Analog Devices AD7293 Datasheet HTML 60Page - Analog Devices AD7293 Datasheet HTML 61Page - Analog Devices AD7293 Datasheet HTML 62Page - Analog Devices AD7293 Datasheet HTML 63Page - Analog Devices AD7293 Datasheet HTML 64Page - Analog Devices AD7293 Datasheet HTML 65Page - Analog Devices AD7293 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 62 of 79
Supply and BI-VOUTxMON Alert Register (Register 0x18)
This 16-bit register stores the AVDD, DACVDD-UNI, DACVDD-BI,
AVSS, BI-VOUTxMON high and low alerts. When 1 is written to any
of the register bits, this bit clears, removing the corresponding
alert.
RSx+MON Alert Register (Register 0x19)
This 16-bit register stores the RSx+ high and low alerts. When 1
is written to any of the register bits, this bit clears, removing the
corresponding alert.
INTLIMITx and AVSS/AVDD Alert Register (Register 0x1A)
This 16-bit register stores the closed-loop integrator limit active
status and AVSS/AVDD alarm status.
Table 94. Supply and BI-VOUTxMON Alert Register (Register 0x18), Bit D15 to Bit D8
D15
D14
D13
D12
D11
D10
D9
D8
BI-VOUT3MON high
BI-VOUT2MON high
BI-VOUT1MON high
BI-VOUT0MON high
AVSS high
DACVDD-BI high
DACVDD-UNI high
AVDD high
Table 95. Supply and BI-VOUTxMON Alert Register (Register 0x18), Bit D7 to Bit D0
D7
D6
D5
D4
D3
D2
D1
D0
BI-VOUT3MON low
BI-VOUT2MON low
BI-VOUT1MON low
BI-VOUT0MON low
AVSS low
DACVDD-BI low
DACVDD-UNI low
AVDD low
Table 96. RSx+MON Alert Register (Register 0x19)
MSB
LSB
[D15:D12]
D11
D10
D9
D8
[D7:D4]
D3
D2
D1
D0
Reserved
RS3+MON high
RS2+MON high
RS1+MON high
RS0+MON high
Reserved
RS3+MON low
RS2+MON low
RS1+MON low
RS0+MONlow
Table 97. INTLIMITx and AVSS/AVDD Alert Register (Register 0x1A)
MSB
LSB
[D15:D12]
D11
D10
D9
D8
[D7:D1]
D0
Reserved
INTLIMIT3 high
INTLIMIT2 high
INTLIMIT1 high
INTLIMIT0 high
Reserved
AVSS/AVDD alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com