Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7293 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 1 Page - Analog Devices

  AD7293 Datasheet HTML 1Page - Analog Devices AD7293 Datasheet HTML 2Page - Analog Devices AD7293 Datasheet HTML 3Page - Analog Devices AD7293 Datasheet HTML 4Page - Analog Devices AD7293 Datasheet HTML 5Page - Analog Devices AD7293 Datasheet HTML 6Page - Analog Devices AD7293 Datasheet HTML 7Page - Analog Devices AD7293 Datasheet HTML 8Page - Analog Devices AD7293 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
12-Bit Power Amplifier Current Controller with
ADC, DACs, and Temperature and Current Sensors
Data Sheet
AD7293
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4 closed-loop power amplifier (PA) drain current controllers
Built-in PA protection, sequencing, and alert features
Compatible with both depletion mode and enhancement mode
power amplifiers
Highly integrated
4 uncommitted 12-bit analog-to-digital converter (ADC) inputs
±0.5 LSB typical integral nonlinearity (INL)
Eight 12-bit voltage digital-to-analog converters (DACs)
1.3 µs maximum settling
4 high-side current sense amplifiers, ±0.1% gain error
2 external temperature sensor inputs, ±1.1°C accuracy
Internal temperature sensor, ±1.25°C accuracy
2.5 V on-chip reference
Flexible monitoring and control ranges
ADC input ranges: 0 V to 1.25 V, 0 V to 2.5 V, and 0 V to 5 V
Bipolar DAC ranges: 0 V to +5 V, −4 V to +1 V, and −5 V to 0 V
Bipolar DAC reset and clamping relative to VCLAMPx voltage
Unipolar DAC ranges: 0 V to 5 V, 2.5 V to 7.5 V, and 5 V to 10 V
Current sense gain: 6.25, 12.5, 25, 50, 100, and more
Adjustable closed-loop setpoint ramp time
High-side voltage current sensing
4 current sense inputs
4 V to AVSS + 60 V, ±200 mV input range
Small package and flexible interface
Serial port interface (SPI) with VDRIVE supporting 1.8 V, 3 V, and
5 V interfaces
56-lead LFCSP
Temperature range: −40°C to +125°C
APPLICATIONS
GaN and GaAs power amplifier monitoring and controls
Base station power amplifiers
General-purpose system monitoring and controls
GENERAL DESCRIPTION
The AD7293 is a PA drain current controller containing
functionality for general-purpose monitoring and control of
current, voltage, and temperature, integrated into a single chip
solution with an SPI-compatible interface.
The device features a 4-channel, 12-bit successive approximation
register (SAR) ADC, eight 12-bit DACs (four bipolar and four
unipolar with output ranges that can be configured to shut
down under external pin control), a ±1.25°C accurate internal
temperature sensor, and eight general-purpose input/output
(GPIO) pins.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
AD7293
UNIPOLAR
DAC
0V TO 5V
2.5V TO 7.5V
5V TO 10V
0V TO +5V
–4V TO +1V
–5V TO 0V
BIPOLAR
DAC
PAVDD
PA_ON
PMOS
CONTROL
×
1
2
ALERT
AND LIMIT
REGISTERS
CONTROL
LOGIC
MUX
2.5V
1.25V
PRECISION
2.5V
REFERENCE
12-BIT
SAR ADC
Σ
–
+
D1+
D1–
D0+
D0–
SPI
INTERFACE
RESET
LOGIC
DIGITAL
INPUT/OUTPUT
LDAC AND
CLAMP CONTROL
Figure 1.
The device also includes limit registers for alert functions and four
high-side current sense amplifiers to measure current across
external shunt resistors. These amplifiers can be optionally set to
operate as part of four independent closed-loop drain current
controllers.
A high accuracy 2.5 V internal reference is provided to drive the
DACs and the ADC. The 12-bit ADC monitors and digitizes the
internal temperature sensor, and two inputs are included for the
external diode temperature sensors.
Note that throughout this data sheet, multifunction pins, such
as GPIO4/ALERT1, are referred to either by the entire pin name
or by a single function of the pin, for example, ALERT1, when
only that function is relevant.
PRODUCT HIGHLIGHTS
1. Four independent closed-loop drain current controllers.
2. Built-in monitoring, sequencing, and alert features.
3. Compatible with both depletion mode and enhancement
mode power amplifiers.


Similar Part No. - AD7293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7293 AD-AD7293 Datasheet
1Mb / 78P
12-Bit Power Amplifier Current Controller
AD7293BCPZ AD-AD7293BCPZ Datasheet
1Mb / 78P
12-Bit Power Amplifier Current Controller
AD7293BCPZ-RL AD-AD7293BCPZ-RL Datasheet
1Mb / 78P
12-Bit Power Amplifier Current Controller
More results

Similar Description - AD7293

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Analog Devices
AD7293 AD-AD7293 Datasheet
1Mb / 78P
12-Bit Power Amplifier Current Controller
logo
Texas Instruments
AMC60804 TI-AMC60804 Datasheet
952Kb / 7P
AMC60804 4-Channel, EML Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
AFE11612-SEP TI-AFE11612-SEP Datasheet
1Mb / 11P
AFE11612-SEP Radiation-Tolerant, Analog Monitor and Controller With Multichannel ADC, DACs, and Temperature Sensors
DECEMBER 2022
AMC60804T TI-AMC60804T Datasheet
520Kb / 6P
AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com