Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7293 Datasheet(PDF) 63 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD7293 Datasheet HTML 59Page - Analog Devices AD7293 Datasheet HTML 60Page - Analog Devices AD7293 Datasheet HTML 61Page - Analog Devices AD7293 Datasheet HTML 62Page - Analog Devices AD7293 Datasheet HTML 63Page - Analog Devices AD7293 Datasheet HTML 64Page - Analog Devices AD7293 Datasheet HTML 65Page - Analog Devices AD7293 Datasheet HTML 66Page - Analog Devices AD7293 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 63 of 79
ALERT0 PIN ROUTING (PAGE 0x11)
All the registers from this page allow routing of the alert signals
generated by the corresponding inputs/channels to the GPIO3/
ALERT0 pin of the device. The upper byte controls the high
alerts routing, whereas the lower byte controls the low alerts
routing.
Table 98. ALERT0 Pin Routing (Page 0x11)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select pointer
1
R/W
0x00
0x02
Conversion
command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x12
VINx ALERT0
2
R/W
0x0000
0x14
TSENSEx ALERT0
2
R/W
0x0000
0x15
ISENSEx ALERT0
2
R/W
0x0000
0x18
Supply and
BI-VOUTxMON ALERT0
2
R/W
0x0000
0x19
RSx+MON ALERT0
2
R/W
0x0000
0x1A
INTLIMITx and
AVss/AVDD ALERT0
2
R/W
0x0000
1
N/A means not applicable.
2
Not a physical register.
VINx ALERT0 Register (Register 0x12)
This 16-bit register allows routing of the VINx generated alerts
to the ALERT0 pin.
Temperature Sensor (TSENSEx) ALERT0 Register
(Register 0x14)
This 16-bit register allows routing of the temperature sensor
generated alerts to the ALERT0 pin.
Current Sensor (ISENSEx) ALERT0 Register (Register 0x15)
This 16-bit register allows routing of the current sensor
generated alerts to the ALERT0 pin.
Supply and BI-VOUTxMON ALERT0 Register (Register 0x18)
This 16-bit register allows routing of the supply channels and
the bipolar DAC monitor channels generated alerts to the
ALERT0 pin.
RSx+MON ALERT0 Register (Register 0x19)
This 16-bit register allows routing of the RSx+MON alerts to the
ALERT0 pin.
INTLIMITx and AVss/AVDD ALERT0 Register (Register 0x1A)
This 16-bit register allows routing of the closed-loop integrator
limit and AVSS/AVDD alerts to the ALERT0 pin.
Table 99. VINx ALERT0 Register (Register 0x12)
Bit Number(s)
Bit Name
Description
[D15:D12]
Reserved
Reserved
D11
VIN3 high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D10
VIN2 high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D9
VIN1 high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D8
VIN0 high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
[D7:D4]
Reserved
Reserved
D3
VIN3 low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin
D2
VIN2 low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin
D1
VIN1 low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin
D0
VIN0 low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com