Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3607 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3607
Description  Multiple voltage regulator with switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3607 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3607 Datasheet HTML 3Page - NXP Semiconductors TDA3607 Datasheet HTML 4Page - NXP Semiconductors TDA3607 Datasheet HTML 5Page - NXP Semiconductors TDA3607 Datasheet HTML 6Page - NXP Semiconductors TDA3607 Datasheet HTML 7Page - NXP Semiconductors TDA3607 Datasheet HTML 8Page - NXP Semiconductors TDA3607 Datasheet HTML 9Page - NXP Semiconductors TDA3607 Datasheet HTML 10Page - NXP Semiconductors TDA3607 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 May 05
7
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3607
Notes
1. Minimum operating voltage, only if VP has exceeded 4.5 V.
2. The quiescent current is measured in the standby mode. So, the enable inputs of regulator 1, 2 and 3 are LOW
(Ven < 1 V).
3. The drop-out voltage of regulators 1, 2 and 3 is measured between VP and VREGn.
4. At current limit, IREGmn is held constant (see Fig.4 for behaviour of IREGmn).
5. The foldback current protection limits the dissipated power at short-circuit (see Fig.4).
6. Perform the load regulation test with sine wave load of 10 kHz on the regulator output under test. Measure the RMS
ripple voltage on each of the remaining regulator outputs, using a 80 kHz low-pass filter.
Regulator 3 (IREG3 = 5 mA)
VREG3(off)
output voltage off
−
1
400
mV
VREG3
output voltage
1 mA
≤ IREG3 ≤ 400 mA
4.75
5.0
5.25
V
7V
≤ V
P ≤ 18 V
4.75
5.0
5.25
V
∆VREG3
line regulation
7 V
≤ VP ≤ 18 V
−−
50
mV
∆VREGL3
load regulation
1 mA
≤ IREG3 ≤ 400 mA
−
20
50
mV
IqREG3
quiescent current
IREG3 = 0.4 A
−
10
40
mA
SVRR3
supply voltage ripple
rejection
f = 3 kHz; Vi(p-p) =2V
60
70
−
dB
VREGd3
drop-out voltage
IREG3 = 400 mA; VP =9V;
note 3
−
0.45
1.5
V
IREGm3
current limit
VREG3 > 4 V; note 4
0.45
0.9
−
A
IREGsc3
short circuit current
RL ≤ 0.5 Ω; note 5
100
300
−
mA
αct
cross talk noise
note 6
−
25
100
µV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com