Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3607 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3607
Description  Multiple voltage regulator with switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3607 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3607 Datasheet HTML 1Page - NXP Semiconductors TDA3607 Datasheet HTML 2Page - NXP Semiconductors TDA3607 Datasheet HTML 3Page - NXP Semiconductors TDA3607 Datasheet HTML 4Page - NXP Semiconductors TDA3607 Datasheet HTML 5Page - NXP Semiconductors TDA3607 Datasheet HTML 6Page - NXP Semiconductors TDA3607 Datasheet HTML 7Page - NXP Semiconductors TDA3607 Datasheet HTML 8Page - NXP Semiconductors TDA3607 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 May 05
2
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3607
FEATURES
• Three VP-state controlled regulators (regulator 1,
regulator 2 and regulator 3)
• Separate control pins for switching regulators 1, 2 and 3
• Supply voltage range from −18 to +50 V
• Low quiescent current (when regulators 1, 2 and 3 are
switched off)
• High ripple rejection.
PROTECTIONS
• Reverse polarity safe (down to −18 V without high
reverse current)
• Able to withstand voltages up to 18 V at the outputs
(supply line may be short-circuited)
• ESD protected on all pins
• Thermal protection
• Load dump protection
• Foldback current limit protection for
regulators 1, 2 and 3
• DC short-circuit safe to ground and V
P for all regulator
outputs.
GENERAL DESCRIPTION
The TDA3607 is a multiple output voltage regulator with
three independent regulators. It contains:
1. Three fixed voltage regulators with foldback current
protection (regulators 1, 2 and 3)
2. A supply pin which can withstand load dump pulses
and negative supply voltages
3. Independant enable inputs for regulators 1, 2 and 3
4. Local temperature protection for regulator 3.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
operating
11
14.4
18
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
during 50 ms; tr ≥ 2.5 ms
−−
50
V
Iq(tot)
total quiescent current
standby mode
−
140
µA
Tj
junction temperature
−−
150
°C
Voltage regulators
VREG1
output voltage regulator 1
0.5 mA
≤ IREG1 ≤ 1.3 A
8.55
9.0
9.45
V
VREG2
output voltage regulator 2
0.5 mA
≤ IREG2 ≤ 150 mA;
VP = 14.4 V
4.75
5.0
5.25
V
VREG3
output voltage regulator 3
0.5 mA
≤ IREG3 ≤ 400 mA
4.75
5.0
5.25
V
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3607
SIL9P
plastic single in-line power package; 9 leads
SOT131-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com