Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3607 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3607
Description  Multiple voltage regulator with switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3607 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3607 Datasheet HTML 1Page - NXP Semiconductors TDA3607 Datasheet HTML 2Page - NXP Semiconductors TDA3607 Datasheet HTML 3Page - NXP Semiconductors TDA3607 Datasheet HTML 4Page - NXP Semiconductors TDA3607 Datasheet HTML 5Page - NXP Semiconductors TDA3607 Datasheet HTML 6Page - NXP Semiconductors TDA3607 Datasheet HTML 7Page - NXP Semiconductors TDA3607 Datasheet HTML 8Page - NXP Semiconductors TDA3607 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1997 May 05
4
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3607
FUNCTIONAL DESCRIPTION
The TDA3607 is a multiple output voltage regulator with
three independent switchable regulators. When the supply
voltage (VP > 4.5 V) is available, regulators 1, 2 and 3 can
be operated by means of 3 independent enable inputs.
Schmitt-trigger functions are included to switch-off the
regulators at low battery voltage (VP < 4 V). A hysteresis is
included to avoid random switching.
All output pins are fully protected. The regulators are
protected against load dump (regulators will switch-off at
supply voltages higher than 20 V) and short-circuit
(foldback current protection).
The total timing of a semi on/off logic set is shown in Fig.3.
Fig.3 Timing diagrams.
handbook, full pagewidth
VP
enable
regulator 1
regulator 1
regulator 2
enable
regulator 2
18.0 V
9.4 V
4.5 V
4.0 V
≥2.2 V
9.0 V
0 V
load dump
5.0 V
0 V
≤2.0 V
≥2.2 V
≤2.0 V
regulator 3
enable
regulator 3
5.0 V
0 V
≥2.2 V
≤2.0 V
MBG720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com