Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 32 Page - Analog Devices

Part # LTM4686
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 28Page - Analog Devices LTM4686 Datasheet HTML 29Page - Analog Devices LTM4686 Datasheet HTML 30Page - Analog Devices LTM4686 Datasheet HTML 31Page - Analog Devices LTM4686 Datasheet HTML 32Page - Analog Devices LTM4686 Datasheet HTML 33Page - Analog Devices LTM4686 Datasheet HTML 34Page - Analog Devices LTM4686 Datasheet HTML 35Page - Analog Devices LTM4686 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 130 page
background image
LTM4682
32
Rev. 0
For more information www.analog.com
OPERATION
lower output ripple and less interference with audio cir-
cuitry, but may result in a reverse inductor current, which
can cause the input supply to boost. The VIN_OV_FAULT_
LIMIT can detect this and turn off the offending channel.
However, this fault is based on an ADC read and can take up
to tCONVERT to detect. If there is a concern about the input
supply boosting, keep the part in discontinuous conduc-
tion mode.
If the part is set to discontinuous mode operation, as
the inductor average current increases, the controller will
automatically modify the operation from discontinuous
mode to continuous mode.
SWITCHING FREQUENCY AND PHASE
The switching frequency of the PWM can be established
with an internal oscillator or an external time base. The
internal phase-locked loop (PLL) synchronizes the PWM
control to this timing reference with proper phase rela-
tion, whether the clock is provided internally or externally.
The device can also be configured to provide the main
device clock to other devices through the PMBus com-
mand, NVM setting, or external configuration resistors,
as outlined in Table 3.
As a main clock, the LTM4682 will drive its open-drain
SYNC_nn pin at the selected rate with a pulse width of
500ns. An external pull-up resistor between SYNC_nn
and VDD33_nn is required in this case. Only one device
connected to SYNC_nn should be designated to drive the
pin. The LTM4682 will automatically revert to an external
SYNC_nn input, disabling its SYNC_nn, as long as the
external SYNC_nn frequency is greater than 80% of the
programmed SYNC_nn frequency. The external SYNC
input shall have a duty cycle between 20% and 80%.
Whether configured to drive SYNC_nn or not, the
LTM4682 can continue PWM operation using its internal
oscillator if an external clock signal is subsequently lost.
The device can also be programmed to always require an
external oscillator for PWM operation by setting bit 4 of
MFR_CONFIG_ALL. The status of the SYNC driver circuit
is indicated by bit 10 of MFR_PADS.
The MFR_PWM_CONFIG command can be used to con-
figure the phase of each channel. The desired phase can
also be set from EEPROM or external configuration resis-
tors, as outlined in Table 3. The designated phase is the
relationship between the falling edge of SYNC and the
internal clock edge that sets the PWM latch to turn on the
top power switch. Additional small propagation delays to
the PWM control pins will also apply. Both channels must
be off before the FREQUENCY_SWITCH and MFR_PWM_
CONFIG commands can be written to the LTM4682.
The phase relationships and frequency options provide for
numerous application options. Multiple LTM4682 mod-
ules can be synchronized to realize a PolyPhase array.
In this case, the phases should be separated by 360/n
degrees, where n is the number of phases driving the
output voltage rail.
PWM LOOP COMPENSATION
The internal PWM loop compensation resistors RCOMPna
of the LTM4682 can be adjusted using bit[4:0] of the
MFR_PWM_COMP command for each controller.
The transconductance (gm) of the LTM4682 PWM error
amplifier can be adjusted using bit[7:5] of the MFR_
PWM_COMP command. These two loop compensation
parameters can be programmed when the device is in
operation. See the Programmable Loop Compensation
subsection in the Applications Information section for
further details.
OUTPUT VOLTAGE SENSING
All four channels in LTM4682 have differential amplifi-
ers, which allow the remote sensing of the load voltage
between V+ and V– pins. The telemetry ADC is also fully
differential and makes measurements between VOSNSn+
and VOSNSn– voltages for both channels at the V+ and V–
pins, respectively. The maximum allowed is 1.5V, but the
LTM4682 design is limited to 1.35V.
INTVCC/VBIAS POWER
Power for the internal top and bottom MOSFET drivers and
most other internal circuitry is derived from the INTVCC
pin. When the RUNP pin is shorted to GND and the VBIAS
is off, an internal 5.5V linear regulator supplies INTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com