Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4686 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4686
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4686 Datasheet HTML 2Page - Analog Devices LTM4686 Datasheet HTML 3Page - Analog Devices LTM4686 Datasheet HTML 4Page - Analog Devices LTM4686 Datasheet HTML 5Page - Analog Devices LTM4686 Datasheet HTML 6Page - Analog Devices LTM4686 Datasheet HTML 7Page - Analog Devices LTM4686 Datasheet HTML 8Page - Analog Devices LTM4686 Datasheet HTML 9Page - Analog Devices LTM4686 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
LTM4682
6
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 12V, RUNn = 3.3V,
RUNP = 12V, FREQUENCY_SWITCH = 575kHz and VOUTn commanded to 0.75V unless otherwise noted. Configured with factory-default
EEPROM settings and per Test Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSETTLE
Settling Time for Dynamic Load Step
per Channel
Load: 0A to 10A and 10A to 0A at 10A/µs,
VOUTn = 0.75V, VIN = 12V (Note 12) See the Transient
Graphs in the Typical Performance Characteristics section.
30
µs
IOUTn(OCL_PK)
Output Current Limit, Peak High
Range per Channel
Cycle-by-Cycle Inductor Peak Current Limit Inception,
Utilizing MFR_PWM_MODE[7] = 1, Using ~IOUT = 42A
for IOUT_OC_FAULT_LIMIT, See the IOUT_OC_FAULT_
LIMIT in the PMBus Command Details Section
45
A
IOUTn(OCL_AVG)
Output Current Limit, Time Averaged
per Channel
Time-Averaged Output Inductor Current Limit Inception
Threshold, Commanded by IOUT_OC_FAULT_LIMITn
(Note 12) Utilizing MFR_PWM_MODE[7] = 1, Using ~IOUT
= 42A, See the IOUT_OC_FAULT_LIMIT in the PMBus
Command Details Section
40
See the IOUT-RB-ACC
Specification (Output
Current Readback
Accuracy)
A
Control Section
VFBCMn
Channel 0 to Channel 3 Feedback
Input Common Mode Range
VOSNSn– Valid Input Range (Referred to SGND)
VOSNSn+ Valid Input Range (Referred to SGND)
l
l
–0.1
0.3
2.0
V
V
VOUT-RNGL
Full-Scale Command Voltage, Range
Low (0.7V to 2.75V) per Channel
(Note 14)
VOUTn Commanded to 2.750V, MFR_PWM_MODEn[1] = 1b
Set Point Accuracy
Resolution
LSB Step Size
−0.5
2.75
12
0.688
+0.5
V
%
Bits
mV
RVSNSn+
VOSNSn+ Impedance to SGND
0.5V ≤ VVOSNSn+ – VSGND ≤ 1.5V
50
kΩ
tON(MIN)
Minimum On-Time
(Note 8 ) per Channel
85
ns
RCOMPn
Resolution
Compensation Resistor RTH(MAX)
Compensation Resistor RTH(MIN)
MFR_PWM_CONFIG[4:0] = 0 to 31 (See Figure 1, in the
Note Section)
5
62
0
Bits
kΩ
kΩ
gmn
Resolution
Error Amplifier gm(MAX)
Error Amplifier gm(MIN)
LSB Step Size
VCOMPn = 1.35V, MFR_PWM_CONFIG[7:5] = 0 to 7
3
5.76
1
0.68
Bits
mmho
mmho
mmho
Analog OV/UV (Overvoltage/Undervoltage) Output Voltage Supervisor Comparators (VOUT_OV/UV_FAULT_LIMIT and VOUT_OV/UV_WARN_LIMIT Monitors)
NOV/UV_COMP
Resolution, Output Voltage
Supervisors
(Notes 13, 14)
9
Bits
VOV-RNG
Output OV Comparator Threshold
Detection Range
High Range Scale, Not Needed, Output Limited to 1.35V
Low Range Scale, MFR_PWM_MODEn[1] = 1b (Note 14)
0.7
2.7
V
VOUSTP
Output OV and UV Comparator
Threshold Programming LSB Step Size
(Note 14)
Low Range Scale, MFR_PWM_MODEn[1] = 1b
5.6
mV
VOV-ACC-n
Output OV Comparator Threshold
Accuracy Channel 0 to Channel 3
(Note 13)
0.7V≤VVOSNSn+–VVOSNSn–≤1.35V,MFR_PWM_MODE[1]=1b l
±3
%
VUV-RNGn
Output UV Comparator Threshold
Detection Range
High Range Scale, Not Needed, Output Limited to 1.35V
Low Range Scale, MFR_PWM_MODEn[1] = 1b
0.7
2.7
V
V
VUV-ACCn
Output UV Comparator Threshold
Accuracy Channel 0 to Channel 3
(Note 13)
0.7V ≤ VVOSNSn+–VVOSNSn–≤1.35V,MFR_PWM_MODE[1]=1b l
±3
%
tPROP-OV
Output OV Comparator
Response Times
Overdrive to 10% Above Programmed Threshold
100
µs
tPROP-UV
Output UV Comparator
Response Times
Underdrive to 10% Below Programmed Threshold
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com