Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-9 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-9 Datasheet HTML 13Page - Power Integrations, Inc. EPR-9 Datasheet HTML 14Page - Power Integrations, Inc. EPR-9 Datasheet HTML 15Page - Power Integrations, Inc. EPR-9 Datasheet HTML 16Page - Power Integrations, Inc. EPR-9 Datasheet HTML 17Page - Power Integrations, Inc. EPR-9 Datasheet HTML 18Page - Power Integrations, Inc. EPR-9 Datasheet HTML 19Page - Power Integrations, Inc. EPR-9 Datasheet HTML 20Page - Power Integrations, Inc. EPR-9 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
03-April-2001
5 W Universal Input Dual Output Isolated TNY266
8.3 Temperature
4
5
6
7
8
9
10
11
12
13
66 70 74 78 82 86 90 94 98 102
T ambient (C)
Vout(12VDC@0.2A)
Vout(5VDC@0.5A)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
25 30 35 40 45 50 55 60 65 70 75 80 85
Tambient (C)
Withheat sink
Witout heat sink
Figure 8.3.1 - VOUT vs. Ambient Temperature.
Figure 3.3.2 - Max Power.
(Source Pin Temperature
≤110 °C.)
Page 17 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com