Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-9 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button EPR-9 Datasheet HTML 19Page - Power Integrations, Inc. EPR-9 Datasheet HTML 20Page - Power Integrations, Inc. EPR-9 Datasheet HTML 21Page - Power Integrations, Inc. EPR-9 Datasheet HTML 22Page - Power Integrations, Inc. EPR-9 Datasheet HTML 23Page - Power Integrations, Inc. EPR-9 Datasheet HTML 24Page - Power Integrations, Inc. EPR-9 Datasheet HTML 25Page - Power Integrations, Inc. EPR-9 Datasheet HTML 26Page - Power Integrations, Inc. EPR-9 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
03-April-2001
5 W Universal Input Dual Output Isolated TNY266
8.7 Surge Voltage Immunity (2 kV and 6 kV, 1.2/50
µs per IEC1000-4-5)
The surge protection for configuration ”1” (2 kV) and configuration ”2” (6 kV) is illustrated in the schematics
(pages 4 and 5).
R7, R8 limit the maximum surge current to approximately 50 A, the value at which the clamping voltage of
the varistor is characterized.(< 800 V). This voltage level was selected to ensure enough margin for the
diode bridge D1-D4. The 6 kV, 1.2/50
µs pulse at 800 V clipping level is approximately 100 µs (see Fig.
8.7.2). From the graph in Fig.8.7.1 it can be inferred that the unit will survive 10 k surges of 6 kV. Reducing
the value of R7, R8 would reduce the total number of 6 kV pulses the unit can survive.
Figure 8.7.1 - Varistor Life (Number of Surges) as a Function of the Rectangular Pulse Amplitude
and its Duration.
Figure 8.7.2 - Varistor Clamping Voltage.
VRV1
Varistor Clamp Voltage
Instantaneous Line Voltage
VAC
Page 23 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com