Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPR-9 Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button EPR-9 Datasheet HTML 16Page - Power Integrations, Inc. EPR-9 Datasheet HTML 17Page - Power Integrations, Inc. EPR-9 Datasheet HTML 18Page - Power Integrations, Inc. EPR-9 Datasheet HTML 19Page - Power Integrations, Inc. EPR-9 Datasheet HTML 20Page - Power Integrations, Inc. EPR-9 Datasheet HTML 21Page - Power Integrations, Inc. EPR-9 Datasheet HTML 22Page - Power Integrations, Inc. EPR-9 Datasheet HTML 23Page - Power Integrations, Inc. EPR-9 Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
5 W Universal Input Dual Output Isolated TNY266
03-April-2001
Figure 8.4.4.1 - Output Voltage Ripple
at Full Load
5 VDC at 85 VAC.
CH4: IOUT (0.2 A/div),
CH1: VOUT (50 mV/div)
Figure 8.4.4.2 - Output Voltage Ripple
at Full Load
5 VDC at 265 VAC.
CH4: IOUT (0.5 A/div),
CH1: VOUT (50 mV/div)
Figure 8.4.4.3 - Output Voltage Ripple
at Full Load
12 VDC at 85 VAC.
CH4: IOUT (0.2 A/div),
CH1: VOUT (200 mV/div)
Figure 8.4.4.4 - Output Voltage Ripple
at Full Load
12 VDC at 265 VAC.
CH4: IOUT (0.2 A/div),
CH1: VOUT (200 mV/div)
CH1
CH4
CH4
CH1
CH4
CH4
CH1
CH1
Page 20 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com