Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5523D2GL Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD5523D2GL
Description  PWMQR Multi-mode Controller with Primary Side Regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523D2GL Datasheet(HTML) 5 Page - Leadtrend Technology

  LD5523D2GL Datasheet HTML 1Page - Leadtrend Technology LD5523D2GL Datasheet HTML 2Page - Leadtrend Technology LD5523D2GL Datasheet HTML 3Page - Leadtrend Technology LD5523D2GL Datasheet HTML 4Page - Leadtrend Technology LD5523D2GL Datasheet HTML 5Page - Leadtrend Technology LD5523D2GL Datasheet HTML 6Page - Leadtrend Technology LD5523D2GL Datasheet HTML 7Page - Leadtrend Technology LD5523D2GL Datasheet HTML 8Page - Leadtrend Technology LD5523D2GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LD5523D2
11/11/2020
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523D2-DS-00 November 2020
Electrical Characteristics
(TA = +25oC unless otherwise stated, VCC=12.0V)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage (VCC Pin)
Startup Current
VCC=UVLO-ON-0.05V
ICC_ST
1.5
A
Operating Current
VCOMP=0V, OUT=open*
ICC_OP
0.35
mA
VCOMP=3.5V, OUT=1nF*
ICC_OP2
1.5
mA
Auto current protection*
ICC_OPA1
0.8
mA
UVLO (OFF)
VCC_OFF
6.5
7.0
7.5
V
UVLO (ON)
VCC_ON
15.5
16.5
17.5
V
VCC OVP Level
VCC_OVP
26.5
28
29.5
V
VCC OVP de-bounce time
*
NVCC_OVP
6
Cycle
QRD (Quasi Resonant Detection, FB Pin)
Reference Voltage, VREF
VREF
1.98
2.00
2.02
V
Load Compensation Current
ILOAD_COMP
5.4
6
6.6
A
Brown In Trip Level
IBNI
89
95
101
A
Brown Out Hysteresis
IBNO_HYS
10
A
Brown Out De-bounce Time
*
TDB_BNO
75
ms
Current Sense (CS Pin)
Maximum Input Voltage
Low Line
VCS_MAX_LL
0.75
0.8
0.85
V
Maximum Input Voltage
High line*
VCS_MAX_HL
0.65
V
Minimum VCS-off
Low Line
VCS_MIN_L
0.12
0.145
0.17
V
Leading Edge Blanking Time
*
TLEB
450
ns
Internal Slope Compensation
TON>1.5
s
to
TON_MAX.
(Linearly increase)*
VSLP_L
225
mV
OTP (Over Temperature, CS Pin)
CS OTP Level
Recovery voltage at high
line
VCS_OTP
0.23
0.25
0.27
V
Hysteresis
*
VCS_OTP_HYS
0.05
V
CS OTP de-bounce time
*
TCS_OTP
5.4
ms
Oscillator for Switching Frequency
CCM Frequency
Low Line
FCCM
67
75
83
kHz
Minimum Frequency
FS_MIN
300
350
400
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com