Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5523D2GL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD5523D2GL
Description  PWMQR Multi-mode Controller with Primary Side Regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523D2GL Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD5523D2GL Datasheet HTML 2Page - Leadtrend Technology LD5523D2GL Datasheet HTML 3Page - Leadtrend Technology LD5523D2GL Datasheet HTML 4Page - Leadtrend Technology LD5523D2GL Datasheet HTML 5Page - Leadtrend Technology LD5523D2GL Datasheet HTML 6Page - Leadtrend Technology LD5523D2GL Datasheet HTML 7Page - Leadtrend Technology LD5523D2GL Datasheet HTML 8Page - Leadtrend Technology LD5523D2GL Datasheet HTML 9Page - Leadtrend Technology LD5523D2GL Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LD5523D2
11/11/2020
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523D2-DS-00 November 2020
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Output Drive (OUT Pin)
Maximum On Time
TON_MAX
10
12
14
s
Output High Clamp Level
VCC=16V*
VOUT_CLAMP
11.5
13
14.5
V
Soft Start
Soft Start Time
Vcs-off
from
0.5V
to
VCS_MAX(OFF)*
TSS
5
ms
FB OVP (Feedback Over Voltage Protection)
FB Over Voltage Protection
*
VFB_OVP
2.4
V
Open Loop Protection
OLP Trip Level
VOLP
4.5
4.75
V
OLP delay time
After soft-start*
TD_OLP
65
ms
Internal OTP (Over Temperature)
OTP Level
*
TOTP
140
C
OTP Hysteresis
*
TOTP_HYS
22
C
*: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com