Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5523D2GL Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5523D2GL
Description  PWMQR Multi-mode Controller with Primary Side Regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523D2GL Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5523D2GL Datasheet HTML 9Page - Leadtrend Technology LD5523D2GL Datasheet HTML 10Page - Leadtrend Technology LD5523D2GL Datasheet HTML 11Page - Leadtrend Technology LD5523D2GL Datasheet HTML 12Page - Leadtrend Technology LD5523D2GL Datasheet HTML 13Page - Leadtrend Technology LD5523D2GL Datasheet HTML 14Page - Leadtrend Technology LD5523D2GL Datasheet HTML 15Page - Leadtrend Technology LD5523D2GL Datasheet HTML 16Page - Leadtrend Technology LD5523D2GL Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LD5523D2
11/11/2020
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523D2-DS-00 November 2020
OVP (Over Voltage Protection) on VCC
–
Auto Recovery
LD5523D2 is implemented with OVP function through
VCC. As the VCC voltage rises over the OVP threshold
voltage,
the
output
drive
circuit
will
be
shut
off
simultaneously thus to stop the switching of the power
MOS until the next UVLO (ON) arrives. The VCC OVP
function of LD5523D2 is an auto-recovery type. The Fig.
19 shows its auto recovery operation. That is, if the OVP
condition is removed, it will resume to normal output
voltage and VCC level in normal condition.
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig. 19
Over
Load
Protection
(OLP)
–
Auto
Recovery
LD5523D2 is implemented with OLP function. LD5523D2
features auto recovery function of it. In the example of the
fault condition, the feedback system will force the voltage
loop enter toward the saturation. As the built in VCOMP
tripped pull high level and stay for more than the OLP
delay time, the protection will be activated and then turn
off the gate output to stop the switching of power circuit.
The OLP delay time is set by internal high frequency
counter. It is to prevent the false triggering from the
power-on and turn-off transient. The OLP delay time is set
as 65ms without soft start.
FB Open/Short Circuit Protection
– Auto
Recovery for LD5523D2
In soft start period, the Fig. 20 shows the operation. When
FB lowers arm resistor is short to GND or upper arm
resistor open, which keeps on iFB smaller than 12.5
μA.
Then the soft start will turn to generate a driving signal and
keep auto recovery till FB open or short fault is removed.
The iFB current is a reflection voltage from primary side to
auxiliary winding through the FB upper arm resistor.
Fig. 20
Brown-In/ Brown-Out Protection (BNI/BNO)
– Auto Recovery
The
LD5523D2
integrates the
brown in,
brownout
protection and valley detection into FB pin. The auxiliary
voltage reflects a proportional bulk voltage during the on
time. Fix the internal current at the BNI, BNO and, the BNI
level could be set by modulating the FB divided resistors
and auxiliary voltage, as shown in Fig. 21. For preventing
the abnormal condition of line voltage to causing damage,
BNO function is implemented, while turns off the gate
signal after de-bounce time 75ms as BNO occurring, as
FB
FB Short
Level
t
FB Short
t
CS
Non-
Switching
Vcc
t
UVLO(on)
UVLO(off)
Soft Start
+
FB Short
Delay Time
OUT
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com