Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297GS Datasheet(PDF) 9 Page - Analog Devices

Part # OP297GS
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297GS Datasheet(HTML) 9 Page - Analog Devices

Back Button OP297GS Datasheet HTML 4Page - Analog Devices OP297GS Datasheet HTML 5Page - Analog Devices OP297GS Datasheet HTML 6Page - Analog Devices OP297GS Datasheet HTML 7Page - Analog Devices OP297GS Datasheet HTML 8Page - Analog Devices OP297GS Datasheet HTML 9Page - Analog Devices OP297GS Datasheet HTML 10Page - Analog Devices OP297GS Datasheet HTML 11Page - Analog Devices OP297GS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. E
OP297
–9–
CIN
IOS
3
D1
–IN
D2
Q1
R1
R2
R5
Q2
R6
10
11
G1
C3
R7
I1
D4
D3
R4
R3
C2
14
13
V3
E1
R8
C4
R9
EREF
V2
50
98
12
6
5
99
8
RIN2
2
+IN
RIN1
EOS
1
79
4
15
16
50
R16
R17
23
ISYS
G4
G5
28 29
22
D6
D5 26
27
D7
D8
G6
R18
R19
D9
D10
G7
V4
V5
L1
25
99
98
9
R10
C5
G1
R11
R13
C6
C7
R12
E2
R14
E3
R15
C8
G3
Figure 15. Macro Model
In these circuits, IREF is a function of the negative power supply.
To maintain accuracy, the negative supply should be well regu-
lated. For applications where very high accuracy is required, a
voltage reference may be used to set IREF. An important consider-
ation for the squaring circuit is that a sufficiently large input voltage
can force the output beyond the operating range of the output
op amp. Resistor R4 can be changed to scale IREF, or R1, and R2
can be varied to keep the output voltage within the usable range.
Unadjusted accuracy of the square-root circuit is better than 0.1%
over an input voltage range of 100 mV to 10 V. For a similar
input voltage range, the accuracy of the squaring circuit is better
than 0.5%.
OP297 SPICE MACRO MODEL
Figures 14 and 15 show the node end net list for a SPICE macro
model of the OP297. The model is a simplified version of the
actual device and simulates important dc parameters such as VOS,
IOS, IB, AVO, CMR, VO, and ISY. AC parameters such as slew
rate, gain and phase response, and CMR change with frequency
are also simulated by the model.
The model uses typical parameters for the OP297. The poles
and zeros in the model were determined from the actual open-
and closed-loop gain and phase response of the OP297. In this
way, the model presents an accurate ac representation of the actual
device. The model assumes an ambient temperature of 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com