Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297GS Datasheet(PDF) 3 Page - Analog Devices

Part # OP297GS
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297GS Datasheet(HTML) 3 Page - Analog Devices

  OP297GS Datasheet HTML 1Page - Analog Devices OP297GS Datasheet HTML 2Page - Analog Devices OP297GS Datasheet HTML 3Page - Analog Devices OP297GS Datasheet HTML 4Page - Analog Devices OP297GS Datasheet HTML 5Page - Analog Devices OP297GS Datasheet HTML 6Page - Analog Devices OP297GS Datasheet HTML 7Page - Analog Devices OP297GS Datasheet HTML 8Page - Analog Devices OP297GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. E
OP297
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
OP297 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 V
Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 V
Differential Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . 40 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
Z Package . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +175°C
P, S Packages . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP297E (Z) . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
OP297F, OP297G (P, S) . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature
Z Package . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +175°C
P, S Packages . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
Package Types
JA
3
JC
Unit
8-Lead CERDIP (Z)
134
12
°C/W
8-Lead PDIP (P)
96
37
°C/W
8-Lead SOIC (S)
150
41
°C/W
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; and functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2 For supply voltages less than
±20 V, the absolute maximum input voltage is equal
to the supply voltage.
3
JA is specified for worst case mounting conditions, i.e.,
JA is specified for device
in socket for CERDIP and PDIP, packages; JA is specified for device soldered to
printed circuit board for SOIC package.
V1 20Vp-p @ 10Hz
50k
CHANNEL SEPARATION = 20 log
V1
V2/10000
)
)
1/2
OP297
2k
1/2
OP297
50
V2
Figure 3. Channel Separation Test Circuit
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Options
OP297EZ
–40
°C to +85°C
8-Lead CERDIP
Q-8
OP297FP
–40
°C to +85°C
8-Lead PDIP
N-8
OP297FS
–40
°C to +85°C
8-Lead SOIC
R-8
OP297FS-REEL
–40
°C to +85°C
8-Lead SOIC
R-8
OP297FS-REEL7
–40
°C to +85°C
8-Lead SOIC
R-8
OP297GP
–40
°C to +85°C
8-Lead PDIP
N-8
OP297GS
–40
°C to +85°C
8-Lead SOIC
R-8
OP297GS-REEL
–40
°C to +85°C
8-Lead SOIC
R-8
OP297GS-REEL7
–40
°C to +85°C
8-Lead SOIC
R-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com