Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP297GS Datasheet(PDF) 2 Page - Analog Devices

Part # OP297GS
Description  Dual Low Bias Current Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297GS Datasheet(HTML) 2 Page - Analog Devices

  OP297GS Datasheet HTML 1Page - Analog Devices OP297GS Datasheet HTML 2Page - Analog Devices OP297GS Datasheet HTML 3Page - Analog Devices OP297GS Datasheet HTML 4Page - Analog Devices OP297GS Datasheet HTML 5Page - Analog Devices OP297GS Datasheet HTML 6Page - Analog Devices OP297GS Datasheet HTML 7Page - Analog Devices OP297GS Datasheet HTML 8Page - Analog Devices OP297GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. E
–2–
OP297–SPECIFICATIONS
OP297E
OP297F
OP297G
Parameter
Symbol Conditions
Min
Typ
Max Min
Typ
Max Min
Typ
Max
Unit
Input Offset Voltage
VOS
25
50
50
100
80
200
µV
Long-Term Input
Voltage Stability
0.1
0.1
0.1
µV/mo
Input Offset Current
IOS
VCM = 0 V
20
100
35
150
50
200
pA
Input Bias Current
IB
VCM = 0 V
20
±100
35
±150
50
±200 pA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.5
0.5
0.5
µV p-p
Input Noise Voltage Density
en
fO = 10 Hz
20
20
20
nV/
√Hz
fO = 1000 Hz
17
17
17
nV/
√Hz
Input Noise Current Density
in
fO = 10 Hz
20
20
20
fA/
√Hz
Input Resistance
Differential Mode
RIN
30
30
30
M
Ω
Input Resistance
Common-Mode
RINCM
500
500
500
G
Ω
Large-Signal
VO =
±10 V
Voltage Gain
AVO
RL = 2 k
Ω
2000
4000
1500
3200
1200
3200
V/mV
Input Voltage Range
*
VCM
±13
±14
±13
±14
±13
±14
V
Common-Mode Rejection
CMRR
VCM =
±13 V
120
140
114
135
114
135
dB
Power Supply Rejection
PSRR
VS =
±2 V to ±20 V 120
130
114
125
114
125
dB
Output Voltage Swing
VO
RL = 10 k
Ω±13
±14
±13
±14
±13
±14
V
RL = 2 k
Ω±13
±13.7
±13
±13.7
±13
±13.7
V
Supply Current per Amplifier
ISY
No Load
525
625
525
625
525
625
µA
Supply Voltage
VS
Operating Range
±2
±20 ±2
±20 ±2
±20
V
Slew Rate
SR
0.05
0.15
0.05
0.15
0.05
0.15
V/
µs
Gain Bandwidth Product
GBWP
AV = +1
500
500
500
kHz
Channel Separation
CS
VO = 20 V p-p
150
150
150
dB
fO = 10 Hz
Input Capacitance
CIN
33
3
pF
*Guaranteed by CMR test.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
OP297E
OP297F
OP297G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
35
100
80
300
110
400
µV
Average Input Offset
Voltage Drift
TCVOS
0.2
0.6
0.5
2.0
0.6
2.0
µV/°C
Input Offset Current
IOS
VCM = 0 V
50
450
80
750
80
750
pA
Input Bias Current
IB
VCM = 0 V
50
±450
80
±750
80
±750 pA
Large-Signal Voltage Gain
AVO
VO =
±10 V,
RL = 2 k
Ω
1200
3200
1000
2500
800
2500
V/mV
Input Voltage Range
*
VCM
±13
±13.5
±13
±13.5
±13 ±13.5
V
Common-Mode Rejection
CMRR
VCM =
±13
114
130
108
130
108
130
dB
Power Supply Rejection
PSRR
VS =
±2.5 V
to
±20 V
114
0.15
108
0.15
108
0.3
dB
Output Voltage Swing
VO
RL = 10 k
Ω±13
±13.4
±13
±13.4
±13 ±13.4
V
Supply Current per Amplifier
ISY
No Load
550
750
550
750
550
750
µA
Supply Voltage
VS
Operating Range
±2.5
±20
±2.5
±20 ±2.5
±20
V
*Guaranteed by CMR test.
Specifications subject to change without notice.
(@ VS =
15 V, TA = 25 C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
(@ VS =
15 V, –40 C
TA
+85 C for OP297E/F/G, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com