Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4887PS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 15Page - NXP Semiconductors TDA4887PS Datasheet HTML 16Page - NXP Semiconductors TDA4887PS Datasheet HTML 17Page - NXP Semiconductors TDA4887PS Datasheet HTML 18Page - NXP Semiconductors TDA4887PS Datasheet HTML 19Page - NXP Semiconductors TDA4887PS Datasheet HTML 20Page - NXP Semiconductors TDA4887PS Datasheet HTML 21Page - NXP Semiconductors TDA4887PS Datasheet HTML 22Page - NXP Semiconductors TDA4887PS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
2001 Oct 19
19
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
Output clamping; internal feedback (of signal outputs) reference voltage for AC coupling;
see Fig.13 and note 28
Vbl(n)(ref)
reference black level
voltage/pedestal black level
voltage (pins 22, 19 and 16)
VHFB > 3.5 V; FPOL = 1
00H (minimum)
0.47
0.53
0.59
V
0FH (maximum)
1.83
1.89
1.95
V
DAC output voltages for AC coupling; FB/R1, FB/R2 and FB/R3 (pins 23, 20 and 17); see Fig.14 and note 29
VFB/Rn
DAC output voltage (without
brightness control)
FFH; FPOL = 1; BRI = 0
3.7
3.95
4.1
V
00H; FPOL = 1; BRI = 0
5.6
5.75
5.9
V
DAC output voltage (with
brightness control, see also
brightness control
∆V
DA(n))
FFH; FPOL = 1; BRI = 1;
maximum brightness
2.3
2.55
2.7
V
00H; FPOL = 1; BRI = 1;
minimum brightness
5.6
5.75
5.9
V
RFB/Rn
output resistance
FPOL = 1
−
100
−Ω
IFB/Rn(sink)(max)
maximum sink current
FPOL = 1
−−
400
µA
IFB/Rn(source)(max)
maximum source current
FPOL = 1
−−200
−µA
I2C-bus inputs; SDA (pin 12), SCL (pin 13); note 30
fSCL
SCL clock frequency
−−
100
kHz
VIL
LOW-level input voltage
0
−
1.5
V
VIH
HIGH-level input voltage
3
−
5V
IIL
LOW-level input current
VIL =0V
−10
−−
µA
IIH
HIGH-level input current
VIH =5V
−10
−−
µA
VOL
LOW-level output voltage
during acknowledge
0
−
0.4
V
ISDA(ack)
SDA output current (pin 12)
during acknowledge
VOL = 0.4 V
3
−−
mA
VOL = 0.6 V
6
−−
mA
to(f)
output fall time
VSDA = 3 to 1.5 V; bus
capacitance CSDA = 400 pF
−−
250
ns
Vth(POR)(r)
threshold for Power-on reset
on
rising supply voltage
−
1.5
2.0
V
falling supply voltage
−
3.5
−
V
Vth(POR)(f)
threshold for Power-on reset
off
rising supply voltage
−−
7V
falling supply voltage
−
1.5
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com